Electronic Components Datasheet Search
  English  ▼

X  

MP24943 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP24943
Description  3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24943 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP24943 Datasheet HTML 5Page - Monolithic Power Systems MP24943 Datasheet HTML 6Page - Monolithic Power Systems MP24943 Datasheet HTML 7Page - Monolithic Power Systems MP24943 Datasheet HTML 8Page - Monolithic Power Systems MP24943 Datasheet HTML 9Page - Monolithic Power Systems MP24943 Datasheet HTML 10Page - Monolithic Power Systems MP24943 Datasheet HTML 11Page - Monolithic Power Systems MP24943 Datasheet HTML 12Page - Monolithic Power Systems MP24943 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP24943 –3A, 55V, 100kHz STEP-DOWN CONVERTER
MP24943 Rev. 0.83
www.MonolithicPower.com
10
12/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider—R1 and R2—sets
VOUT (see the Typical Application Circuit on the
front page). R1 also sets the feedback loop
bandwidth with the internal compensation
capacitors (see Figure 1). Choose R1 to be
around 300kΩ for optimal transient response.
Choose R2 as determined by:
1
V
8
.
0
V
1
R
2
R
OUT −
=
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.8
301 (1%)
240 (1%)
2.5
301 (1%)
140 (1%)
3.3
301 (1%)
95.3 (1%)
5
301 (1%)
57.6 (1%)
Setting the Output OVP Threshold
An external resistor divider—R5 and R6 (see
the typical application circuit on the front
page)—connected to VO sets the output OVP
threshold. Choose R5 to be 301kΩ for reduced
power dissipation. Then R6 is given by:
OVP
OVREF
R5
R6
(k )
V
1
V
=Ω
−
Where, VOVREF is the OVP reference, 0.9V, and
VOVP is over voltage protection threshold.
Selecting the Inductor
Include an inductor with a value between 22µH
and 47µH and a DC current rating that is at
least 25% percent higher than the maximum
load
current
for
most
applications.
For
maximum efficiency, the inductor DC resistance
should be less than 200mΩ. For most designs,
the inductance value can be estimated from the
following equation.
OSC
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
×
Δ
×
−
×
=
Where ΔIL is the inductor ripple current.
Choose the inductor current ripple to be
approximately 30% of the maximum load
current, 3A. The maximum inductor peak
current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Under light-load conditions of <100mA, larger
inductance values improve efficiency.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and also the switching
noise from the device. Choose a capacitor with
a switching-frequency impedance of less than
the input source impedance to prevent any
high-frequency switching current from flowing to
the input. Use ceramic capacitors with X5R or
X7R dielectrics for their low ESR and small
temperature coefficients. Use a 4.7µF capacitor
for most applications.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures regulator loop stability.
Select an output capacitor with a low switching-
frequency
impedance,
preferably
ceramic
capacitors with X5R or X7R dielectrics.
PC Board Layout
The high frequency path—GND, IN, and SW—
should be placed very close to the device with
short, direct, and wide traces. Place the input
capacitor as close as possible to the IN and
GND pins. Place the external feedback
resistors next to the FB pin. Keep the SW node
short and away from the feedback network.
External Bootstrap Diode
Add an external bootstrap diode when the
system has a fixed 5V input or when the power
supply generates a 5V output. This helps
improve the efficiency of the regulator. The
bootstrap diode can be a low-cost one such as
IN4148 or BAT54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com