Electronic Components Datasheet Search
  English  ▼

X  

MP24943 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP24943
Description  3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24943 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP24943 Datasheet HTML 4Page - Monolithic Power Systems MP24943 Datasheet HTML 5Page - Monolithic Power Systems MP24943 Datasheet HTML 6Page - Monolithic Power Systems MP24943 Datasheet HTML 7Page - Monolithic Power Systems MP24943 Datasheet HTML 8Page - Monolithic Power Systems MP24943 Datasheet HTML 9Page - Monolithic Power Systems MP24943 Datasheet HTML 10Page - Monolithic Power Systems MP24943 Datasheet HTML 11Page - Monolithic Power Systems MP24943 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP24943 –3A, 55V, 100kHz STEP-DOWN CONVERTER
MP24943 Rev. 0.83
www.MonolithicPower.com
8
12/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
Main Control Loop
The MP24943 is a current-mode buck regulator
where the error amplifier (EA) output voltage is
proportional to the peak inductor current.
At the beginning of the cycle, SW is off, the EA
output voltage is higher than the current sense
amplifier (CSA) output, and output of the
current limit comparator is low. The rising edge
of the 100kHz CLK signal sets the RS flip-flop:
this turns on the internal switch, which then
connects SW and the inductor to the input
supply.
The CSA detects the current flow through the
internal switch. If the sum of the CSA output
and the slope compensation output exceeds the
EA output voltage, the RS flip-flop resets, and
the MP24943 reverts to its initial SW off state—
otherwise, the falling edge of the CLK resets
the flip-flop.
The EA amplifies the voltage difference
between VFB and the 0.8V reference. When VFB
is less than the 0.8V reference, the EA output is
proportional to the inductor current. An external
Schottky diode (D1) carries the inductor current
when SW is off.
Enable Control
The MP24943 has an enable-control pin (EN):
driving EN above 1.8V turns on MP24943, while
driving EN below 0.4V turns it off. Connect EN
to VIN for automatic start-up.
Output Over-Voltage Protection
The
MP24943
has
output
over-voltage
protection (OVP), where VOUT connects to VO
through an external resistor divider, and a 0.9V
reference on the negative input of the OVP
comparator. If the voltage on VO pin is greater
than 0.9V, the high-side switch turns off after a
short delay, and the soft-start capacitor
discharges. If the voltage is less than 0.9V, the
part restarts automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com