Electronic Components Datasheet Search
  English  ▼

X  

MP26057 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP26057
Description  28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26057 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP26057 Datasheet HTML 1Page - Monolithic Power Systems MP26057 Datasheet HTML 2Page - Monolithic Power Systems MP26057 Datasheet HTML 3Page - Monolithic Power Systems MP26057 Datasheet HTML 4Page - Monolithic Power Systems MP26057 Datasheet HTML 5Page - Monolithic Power Systems MP26057 Datasheet HTML 6Page - Monolithic Power Systems MP26057 Datasheet HTML 7Page - Monolithic Power Systems MP26057 Datasheet HTML 8Page - Monolithic Power Systems MP26057 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP26057- 28V, 1A LINEAR LI-ION TRAVEL CHARGER WITH TRICKLE CHARGE AND TIMER
MP26057 Rev. 0.91
www.MonolithicPower.com
2
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE REFERENCE
1
2
3
4
5
10
9
8
7
6
Part Number*
Package
Temperature
MP26057DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP26057DQ–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP26057DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND .................................... –0.3V to +28V
GRN & RED Maximum Sink Current....... 20mA
All Other Pins to GND................. –0.3V to +6.5V
Junction Temperature...............................140
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
Nominal Supply Voltage VIN............ 3.5V to 5.5V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
3x3 QFN10 ............................. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on JEDEC51-7 4 layer board..
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current
ISUPPLY ICHG = 0A, VBATT=4.2V
140
µA
Battery Voltage Regulation
VBATT
T = –5°C to +75°C, IBATT = 0
4.16
4.20
4.24
V
Constant Current
Regulation
ICHG
VIN = 5V, VBATT = 3.8V
RCHG = 3.3kΩ
452
515
582
mA
Constant Current Variation
VIN = 5V, VBATT = 3.8V,
TJ = 0°C to +120°C,
RCHG = 1.6kΩ to 8.0kΩ
87
100
113
%ICHG
(4)
Trickle Current
VIN = 5V, VBATT = 2.3V
5
10
15
%ICHG
(4)
Trickle Threshold Voltage
VBAT Rising
2.45
2.6
2.75
V
Trickle Voltage Hysteresis
100
mV
IBF Accuracy
75
125
%IBF
(5)
Input OVP
VIN rising
6.8
7
7.2
V
OVP Hysteresis
400
mV
Input UVLO
VIN rising
2.5
3
3.5
V
UVLO Hysteresis
100
mV
GRN and RED Over
Voltage Clamp
VZ
7.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com