Electronic Components Datasheet Search
  English  ▼

X  

MP26057 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP26057
Description  28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26057 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP26057 Datasheet HTML 3Page - Monolithic Power Systems MP26057 Datasheet HTML 4Page - Monolithic Power Systems MP26057 Datasheet HTML 5Page - Monolithic Power Systems MP26057 Datasheet HTML 6Page - Monolithic Power Systems MP26057 Datasheet HTML 7Page - Monolithic Power Systems MP26057 Datasheet HTML 8Page - Monolithic Power Systems MP26057 Datasheet HTML 9Page - Monolithic Power Systems MP26057 Datasheet HTML 10Page - Monolithic Power Systems MP26057 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP26057- 28V, 1A LINEAR LI-ION TRAVEL CHARGER WITH TRICKLE CHARGE AND TIMER
MP26057 Rev. 0.91
www.MonolithicPower.com
9
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The charge current (ICHG) is set by a resistor
(RPGM) connecting from the ISET pin to GND. The
relationship of the charge current and the
programming resistance is established by the
following table and graph.
The recommended resistance for programming
the charge current is 2.3kΩ<RCHG<11kΩ. The
battery full charge current threshold (IBF) is
programmed by connecting a resistor RBF from
the IBF pin to GND:
BF
BF
R
k
7
.
1
A
1
I
Ω
×
=
Where 2RPGM < RBF < 10RPGM. The open-drain pin
CHG
is used to indicate charging status. When
the battery full condition is reached or any other
condition prevents the charger from charging,
CHG
will become a floating.
Timer Operation
The TMR pin is used to set the internal oscillator
frequency:
OSC
TMR
F
F11Hz
C
µ
=×
. The on-chip timer
will start count down after initial power-up or
every time being enabled. This timer will limit the
max trickle-charge time to 32768 internal
oscillating cycles. If the charger stays in trickle
mode for longer than 262144 cycles, it will be
terminated and a fault will be set by flashing both
status LEDs. After fault reporting, the charger
can be re-initiated only by recycling the power
supply. If the charger successfully went through
trickle charge within the allowed time limit, it will
start CC charge and then CV charge. If the total
charge time exceeds 262144 cycles and the
battery full has not been qualified, the charger
will be terminated and a fault will also be set by
flashing both status LEDs at the rate of half the
internal oscillation frequency. This function
prevents charging a dead battery for prolonged
duration. The timer function can be disabled by
shorting TMR pin to ground.
Negative Thermal Coefficient (NTC)
Thermistor
The MP26057 has a built-in NTC resistance
window comparator. If configured as the typical
application circuit as indicated in Figure 1, the
MP26057 will cease charging if RNTC<32.3kΩ or
RNTC>376.6kΩ. This represents a valid charging
temperature range of 0°C to 50°C for the
TH11-4H104F NTC resistor.
Thermal Protection
The MP26057 has proprietary thermal protection
to prevent the IC from overheating. When in
thermal protection mode, the charge current
becomes a saw-tooth waveform instead of a DC
current. The average current of the saw-tooth
waveform will be lower than the programmed DC
charge current to prevent the IC from overheating.
Operating in thermal protection mode will slow
down the charging process. Lowering the input
voltage and enhancing thermal dissipation to the
environment can effectively prevent the IC from
going into thermal protection mode.
Charger Status Indication (RED & GREEN)
MP26057 has two charge status pins RED and
GREEN, which can indicate and tell the charging
status by chaning their states (ON/OFF/Flashing)
as Table 2 shows.
Table 2—Charger Status Indication
Charging
Battery
Full &
No Batt
Timeout
Fault
Vin>7V
Batt Cold
& Batt Hot
RED
ON
OFF
Flashing
OFF
OFF
GREEN
OFF
ON
Flashing
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com