Electronic Components Datasheet Search
  English  ▼

X  

MP26057 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP26057
Description  28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26057 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP26057 Datasheet HTML 1Page - Monolithic Power Systems MP26057 Datasheet HTML 2Page - Monolithic Power Systems MP26057 Datasheet HTML 3Page - Monolithic Power Systems MP26057 Datasheet HTML 4Page - Monolithic Power Systems MP26057 Datasheet HTML 5Page - Monolithic Power Systems MP26057 Datasheet HTML 6Page - Monolithic Power Systems MP26057 Datasheet HTML 7Page - Monolithic Power Systems MP26057 Datasheet HTML 8Page - Monolithic Power Systems MP26057 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP26057- 28V, 1A LINEAR LI-ION TRAVEL CHARGER WITH TRICKLE CHARGE AND TIMER
MP26057 Rev. 0.91
www.MonolithicPower.com
5
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, CIN = 4.7µF, COUT = 2.2µF, IBF = 20KΩ, TA = +25ºC, unless otherwise noted.
420KHz
0
0.3
0.6
0.9
1.2
1.5
Battery Sink Current
2.7
3.0
3.3
3.6
3.9
4.2
Constant Current Charge
Constant Voltage Charge
0
0
100
200
300
400
500
600
700
800
900
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
100
20
120
40
60
80
0
0
200
600
400
1200
1000
800
0
200
600
400
1200
1000
800
12
3
4
5
0
4.170
4.175
4.180
4.185
4.190
4.195
4.200
200 400 600 800 1000 1200
TIME (Min)
CHARGE CURRENT (mA)
800mA Charge Curve
2.0
2.5
3.0
3.5
4.0
4.5
200
400
600
800
1000
1200
1400
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
0
30
60
90
120
150
180
210
240
270
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
250
50
300
100 150 200
TIME (Min)
200mA Charge Curve
ICHG=1A
ICHG=0.8A
ICHG=0.5A
ICHG=0.2A
ICHG=1A
ICHG=0.8A
ICHG=0.5A
ICHG=0.2A
ICHG=1A
ICHG=0.8A
ICHG=0.5A
ICHG=0.2A
ISET ( mA )
0
200
400
600
800
1000
RSET Resistance vs. ISET
0
0.1
0.3
0.2
0.6
0.5
0.4
-40
520
530
540
550
560
570
80
-10
110
20
50
Constant Current Charge
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com