Electronic Components Datasheet Search
  English  ▼

X  

MP26057 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP26057
Description  28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26057 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP26057 Datasheet HTML 3Page - Monolithic Power Systems MP26057 Datasheet HTML 4Page - Monolithic Power Systems MP26057 Datasheet HTML 5Page - Monolithic Power Systems MP26057 Datasheet HTML 6Page - Monolithic Power Systems MP26057 Datasheet HTML 7Page - Monolithic Power Systems MP26057 Datasheet HTML 8Page - Monolithic Power Systems MP26057 Datasheet HTML 9Page - Monolithic Power Systems MP26057 Datasheet HTML 10Page - Monolithic Power Systems MP26057 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP26057- 28V, 1A LINEAR LI-ION TRAVEL CHARGER WITH TRICKLE CHARGE AND TIMER
MP26057 Rev. 0.91
www.MonolithicPower.com
8
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
Input Voltage Range
The MP26057 has built-in input voltage surge
protection as high as +28V. The charger IC will
be automatically enabled when the input voltage
is higher than 3.0 and lower than 7.0V. If the
input voltage is lower than the battery voltage,
the IC is also disabled to prevent the battery from
draining.
Charge Cycle (Mode Change: Trickle -> CC-> CV)
Figure 2 below shows the typical charging profile
for the MP26057. For a fully depleted battery with
a terminal voltage lower than 2.6V, the MP26057
will start with the trickle charge (preconditioning)
at 10% of the full charge current based on the
value of RPGM. If the charger stays in the trickle
mode longer than 32768 cycles, RED/GRN pins
become flashing indicating battery fault. After the
battery voltage reaches 2.6V, the charger begins
charging
at
the
constant
current
of
the
programmed value (ICHG). This is referred to as
Constant Current (CC) mode. Once the battery
voltage reaches 4.2V, the charger will operate in
the constant voltage (CV) mode until the battery
is fully charged. The charge current drops during
CV mode, and the battery full indication is set
when the charge current reduced to the preset
value based on RIBF, and the charge process
terminated. Recharge will start after the battery
voltage is for some reason reduced to 4.0V. After
262144 cycles of continuous charging, if the
battery is still not reaching IBF condition, the on-
chip timer will terminate the charger to prevent
charging the dead battery for excessive long time
and the fault condition will be flagged by flashing
the RED/GRN LEDs.
2.6V
4.2V
VBATT
10% of ICHG
Trickle
Charging
CC
Charging
Charging
Complete
CV
Charging
ICHG
IBF
IBATT
Figure 2—MP26057 Typical Charging Profile
Charge termination
The charge current will gradually decrease in CV
mode as the battery approaches full. The battery
full threshold can be programmed by connecting
a resistor from IBF pin to ground. When the
charge current reaches this threshold, the
charger IC will be automatically turned off. The
battery voltage may decay after termination due
to self discharge or system draw current from the
battery.
Automatic Recharge
Upon VBATT drops to 4.0V, the charger will
automatically restart the charge cycle until the
IBF condition is met again. When the input
adapter is unplugged or the charger is disabled
and/or terminated, the leakage current from the
battery to MP26057 is less than 1µA.
Programming of Charge Current and Battery
Full Current
Table 1—RPGM and ICHG Relationship
RPGM (kΩ)
ICHG (mA)
1.65
1000
1.82
900
2.05
800
2.32
700
2.74
600
3.3
500
4.12
400
5.6
300
8.45
200
15
100
Charge Current vs
1/RPGM Resistance
1000
900
800
700
600
500
400
300
200
0
0.2
0.1
0.3 0.4
0.6 0.7
0.5
Figure 3—Charge Current vs. 1/RPGM
Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com