Electronic Components Datasheet Search
  English  ▼

X  

MP26058 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP26058
Description  28V, 1A Li Linear Battery Charger with Timer and LDO Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26058 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP26058 Datasheet HTML 1Page - Monolithic Power Systems MP26058 Datasheet HTML 2Page - Monolithic Power Systems MP26058 Datasheet HTML 3Page - Monolithic Power Systems MP26058 Datasheet HTML 4Page - Monolithic Power Systems MP26058 Datasheet HTML 5Page - Monolithic Power Systems MP26058 Datasheet HTML 6Page - Monolithic Power Systems MP26058 Datasheet HTML 7Page - Monolithic Power Systems MP26058 Datasheet HTML 8Page - Monolithic Power Systems MP26058 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP26058-28V, 1A LI + LINEAR BATTERY CHARGER WITH TIMER AND LDO MODE
MP26058 Rev. 0.91
www.MonolithicPower.com
3
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, VSHDN =0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
SHDN Trip Threshold High
2.6
V
SHDN Trip Threshold Low
0.4
V
CHG , ACOK Sink
Current
Pin Voltage = 0.2V
5
mA
Battery Reverse Current to
BATT Pin
SHDN = Low and Input = Floating
or 0V
1
µA
Dropout Voltage
VIN-
VBATT
VBATT = 3.8V, RCHG = 6kΩ. Current
drop 10%
0.25
V
Soft Thermal Shutdown
Threshold
105
120
135
°C
Soft Thermal Shutdown
Hysteresis
10
°C
Internal Soft-Start Time
From 10% to 90% of full current
20
µs
R_NTC at 0°C
TH11-
4H104F
Note: R_NTC is 100k at 25°C
376.6
kΩ
R_NTC at 50°C
TH11-
4H104F
Note: R_NTC is 100k at 25°C
32.3
kΩ
Oscillation Freq
CTMR = 2.2uF
5
Hz
TMR Pin Source Current
ITMR1
VTMR=0.1V
18
20
22
µA
TMR Pin Sink Current
ITMR2
VTMR=1.5V
18
20
22
µA
Notes:
4) ICHG is the target preprogrammed charge current (Die temperature below 110°C).
5) IBF is the target preprogrammed battery full current threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com