Electronic Components Datasheet Search
  English  ▼

X  

MP26058 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP26058
Description  28V, 1A Li Linear Battery Charger with Timer and LDO Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26058 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP26058 Datasheet HTML 1Page - Monolithic Power Systems MP26058 Datasheet HTML 2Page - Monolithic Power Systems MP26058 Datasheet HTML 3Page - Monolithic Power Systems MP26058 Datasheet HTML 4Page - Monolithic Power Systems MP26058 Datasheet HTML 5Page - Monolithic Power Systems MP26058 Datasheet HTML 6Page - Monolithic Power Systems MP26058 Datasheet HTML 7Page - Monolithic Power Systems MP26058 Datasheet HTML 8Page - Monolithic Power Systems MP26058 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP26058-28V, 1A LI + LINEAR BATTERY CHARGER WITH TIMER AND LDO MODE
MP26058 Rev. 0.91
www.MonolithicPower.com
5
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
CIN=4.7µF, COUT=2.2µF, VIN=5V, TA=25ºC, unless otherwise noted.
1
200
400
600
800
1000
1200
23456
VCE (V)
Thermal Protection
(VCE=VIN-VBAT)
0
200
0
0.1
0.2
0.3
0.4
0.5
0.6
400
600
800
1000
ISET (mA)
RCHG Resistance vs.
ICHG
CHARGE CURRENT (mA)
Constant Voltage Charge
INPUT VOLTAGE (V)
Constant Current Charge
vs. Input Voltage
VBAT=3.8V
0
0
100
200
300
400
500
600
700
800
900
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
30
60
90
120 150 180
4.0
4.5
0
200
400
600
800
1000
1200
5.0
5.5
6.0
6.5
7.0
1.0
0
200
400
600
800
1000
1.8
2.6
3.4
4.2
5.0
0
4.17
4.18
4.20
4.22
4.21
4.19
200
400
600
800
1000
TIME (MIN)
BATTERY VOLTAGE (V)
Battery Charge Curve
Charge Current vs.
Battery Voltage
VBAT
ICHG
VSTATUS
Thermal Prot ect ion
ICHG=0.8A
ICHG=0.5A
ICHG=0.2A
ICHG=0.2A
ICHG=0.5A
ICHG=0.8A
ICHG=0.2A
ICHG=0.5A ICHG=0.8A
ICHG=1A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com