Electronic Components Datasheet Search
  English  ▼

X  

MP26058 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP26058
Description  28V, 1A Li Linear Battery Charger with Timer and LDO Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26058 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP26058 Datasheet HTML 2Page - Monolithic Power Systems MP26058 Datasheet HTML 3Page - Monolithic Power Systems MP26058 Datasheet HTML 4Page - Monolithic Power Systems MP26058 Datasheet HTML 5Page - Monolithic Power Systems MP26058 Datasheet HTML 6Page - Monolithic Power Systems MP26058 Datasheet HTML 7Page - Monolithic Power Systems MP26058 Datasheet HTML 8Page - Monolithic Power Systems MP26058 Datasheet HTML 9Page - Monolithic Power Systems MP26058 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP26058-28V, 1A LI + LINEAR BATTERY CHARGER WITH TIMER AND LDO MODE
MP26058 Rev. 0.91
www.MonolithicPower.com
7
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRAM
BATTERY
CHARGE
CONTROL
8
9
4
1
10
3
2
5
6
TMR
ISET
NTC
RNTC
CTMR
RCHG
7
IBF
RBF
R1
IN
BATT
CHG
8.2V
8.2V
ACOK
GND
SHDN
VIN
CIN
COUT
VBATT
+
_
OFF
ON
IBATT
Figure 1—Functional Block Diagram
OPERATION
Input Voltage Range
The MP26058 has built-in input voltage surge
protection as high as +28V. The charger IC will
be automatically disabled when the input
voltage is lower than 2.2V or higher than 7.0V.
For MP26058, the open-drain pin
ACOK is
used to indicate an input power good condition
(i.e. 2.8V<VIN<7.0V). If the input voltage is lower
than the battery voltage, the IC is also disabled
to prevent the battery from draining.
Charge Cycle (Mode Change: CC-> LDO)
Figure 2 below shows the typical charging
profile for the MP26058. It begins charging at
the constant current of the programmed value
(ICHG). This is referred to as Constant Current
(CC) mode. Once the battery voltage reaches
4.2V, the charger will operate in the LDO mode
to keep the battery is fully charged. The charge
current drops during LDO mode, and the
battery full indication is set when the charge
current reduced to the preset value based on
RBF. After 262144 cycles of continuous charging,
if the battery is still not reaching IBF condition,
the on-chip timer will terminate the charger to
prevent charging the dead battery for excessive
long time and the fault condition will be flagged
by flashing the CHG LED.
4.2V
VBAT
IBF
IBF
C.C
Charging
C.V
Charging
IBAT
Figure 2—MP26058 Typical Charging Profile



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com