Electronic Components Datasheet Search
  English  ▼

X  

MP26058 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP26058
Description  28V, 1A Li Linear Battery Charger with Timer and LDO Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26058 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP26058 Datasheet HTML 2Page - Monolithic Power Systems MP26058 Datasheet HTML 3Page - Monolithic Power Systems MP26058 Datasheet HTML 4Page - Monolithic Power Systems MP26058 Datasheet HTML 5Page - Monolithic Power Systems MP26058 Datasheet HTML 6Page - Monolithic Power Systems MP26058 Datasheet HTML 7Page - Monolithic Power Systems MP26058 Datasheet HTML 8Page - Monolithic Power Systems MP26058 Datasheet HTML 9Page - Monolithic Power Systems MP26058 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP26058-28V, 1A LI + LINEAR BATTERY CHARGER WITH TIMER AND LDO MODE
MP26058 Rev. 0.91
www.MonolithicPower.com
8
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Programming of Charge Current and Battery
Full Current
The charge current (ICHG) is set by a resistor
(RCHG) connecting from the ISET pin to GND.
The relationship of the charge current and the
programming resistance is established by the
following table and graph.
Table 1—RCHG and ICHG Relationship
RCHG (kΩ)
ICHG (mA)
1.65
1000
1.82
900
2.05
800
2.32
700
2.74
600
3.3
500
4.12
400
5.6
300
8.66
200
16.9
100
Charge Current vs
1/RPGM Resistance
1000
900
800
700
600
500
400
300
200
0
0.2
0.1
0.3 0.4
0.6 0.7
0.5
Figure 3—Charge Current vs 1/RCHG
Resistance
The recommended resistance for programming
the charge current is 2.3kΩ<RCHG<11kΩ. The
battery full charge current threshold (IBF) is
programmed by connecting a resistor RBF from
the IBF pin to GND:
BF
BF
R
k
7
.
1
A
1
I
Ω
×
=
Where 2RCHG<RBF<10RCHG. The open-drain pin
CHG
is used to indicate charging status. When
the battery full condition is reached or any other
condition prevents the charger from charging,
CHG
will become a floating.
Timer Operation
The TMR pin is used to set the internal
oscillator frequency:
OSC
TMR
F
F11Hz
C
µ
=×
The on-chip timer will start count down after
initial power-up or every time being enabled.
This timer will limit the max charge time when
battery is short to ground to 16384 internal
oscillating cycles, or if the total charge time
exceeds 262144 cycles and the battery full has
not been qualified, then it will terminate the
charger and a fault will be set by flashing CHG
LED at the rate of half the internal oscillation
frequency.. After fault reporting, the charger can
be re-initiated only by recycling the power
supply or SHDN\ signal. The timer function can
be disabled by shorting TMR pin to ground.
Negative Thermal Coefficient (NTC)
Thermistor
The MP26058 has a built-in NTC resistance
window comparator. If configured as the typical
application circuit as indicated in Figure 1, the
MP26058 will cease charging if RNTC<32.3kΩ or
RNTC>376.6kΩ. This represents a valid charging
temperature range of 0°C to 50°C for the
TH11-4H104F NTC resistor.
Thermal Protection
The
MP26058
has
proprietary
thermal
protection to prevent the IC from overheating.
When in thermal protection mode, the charge
current will reduce to maintain the safe junction
temperature. Operating in thermal protection
mode will slow down the charging process.
Lowering the input voltage and enhancing
thermal dissipation to the environment can
effectively prevent the IC from going into
thermal protection mode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com