Electronic Components Datasheet Search
  English  ▼

X  

MP26060 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP26060
Description  1A Linear Li-Ion Battery Charger with Trickle Charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26060 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP26060 Datasheet HTML 1Page - Monolithic Power Systems MP26060 Datasheet HTML 2Page - Monolithic Power Systems MP26060 Datasheet HTML 3Page - Monolithic Power Systems MP26060 Datasheet HTML 4Page - Monolithic Power Systems MP26060 Datasheet HTML 5Page - Monolithic Power Systems MP26060 Datasheet HTML 6Page - Monolithic Power Systems MP26060 Datasheet HTML 7Page - Monolithic Power Systems MP26060 Datasheet HTML 8Page - Monolithic Power Systems MP26060 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP26060 – 1A LINEAR LI-ION BATTERY CHARGER WITH TRICKLE CHARGE
MP26060 Rev.0.9
www.MonolithicPower.com
2
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP26060EQ
QFN10 (3mm x 3mm)
4SYW
–20
°C to +85°C
For Tape & Reel, add suffix –Z (e.g. MP26060EQ–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP26060EQ–LF–Z)
PACKAGE REFERENCE
TOP VIEW
IN
CHG
ACOK
EN
NC
1
2
3
4
5
BATT
ISET
IBF
SS
GND
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
CONNECT TO
GND PIN
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND ....................................–0.3V to +24V
All Other Pins to GND .................–0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.5W
Junction Temperature...............................140
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65°C to +150
°C
Recommended Operating Conditions
(3)
Nominal Supply Voltage VIN............3.5V to 6.5V
Operating Junct. Temp (TJ) ..... -20°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN10 (3mm x 3mm) .............50 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com