Electronic Components Datasheet Search
  English  ▼

X  

MP26060 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP26060
Description  1A Linear Li-Ion Battery Charger with Trickle Charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26060 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP26060 Datasheet HTML 3Page - Monolithic Power Systems MP26060 Datasheet HTML 4Page - Monolithic Power Systems MP26060 Datasheet HTML 5Page - Monolithic Power Systems MP26060 Datasheet HTML 6Page - Monolithic Power Systems MP26060 Datasheet HTML 7Page - Monolithic Power Systems MP26060 Datasheet HTML 8Page - Monolithic Power Systems MP26060 Datasheet HTML 9Page - Monolithic Power Systems MP26060 Datasheet HTML 10Page - Monolithic Power Systems MP26060 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP26060 – 1A LINEAR LI-ION BATTERY CHARGER WITH TRICKLE CHARGE
MP26060 Rev.0.9
www.MonolithicPower.com
8
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
2.6V
4.15V
VBATT
10% of ICHG
IBF
Trickle
Charging
CC
Charging
Charging
Complete
CV
Charging
ICHG
IBATT
Figure 2—Typical Charging Profile
Trickle
Charging
Charge
Start
Charge
End
Soft-Start
Time
CC
Mode
CV
Mode
10% of ICHG (IBF)
90% of ICHG
ICHG
2.6V
4.15V
VBATT
VBATT
IBATT
IBATT
CHG
Figure 3—Typical Charging Procedure
Battery Over-Voltage Protection and
Automatic Recharge
At any time when VBATT is 50mV higher than the
trimmed charge target, the MP26060 reduces
its charge current to 0µA. This ensures the
safety of the battery. Also, the CV control loop
always monitors the battery voltage such that it
will automatically recharge the battery when it is
depleted below the target level.
Programming of Charge Current and Battery
Full Current
The charge current (ICHG) is set by a resistor
(RCHG) connecting from the ISET pin to GND.
See Table 1 and Figure 4. The relationship of
the charge current and the programming
resistance is established by:
CHG
CHG
R
k
A
I
Ω
×
=
7
.
1
1
RCHG (kΩ)
ICHG (mA)
2.43
700
2.80
600
3.4
500
4.22
400
5.6
300
Table 1—RCHG and ICHG Relationship
CHG
CHG
Figure 4—Charge Current vs 1/RCHG
Resistance
The recommended resistance for programming
the charge current is 2.3kΩ<RCHG<11kΩ. The
battery full charge current threshold (IBF) is
programmed by connecting a resistor RBF from
the IBF pin to GND:
BF
BF
R
k
A
I
Ω
×
=
7
.
1
1
Where 2RCHG<RBF<10RCHG. The open-drain pin
CHG
is used to indicate charging status. When
the battery full condition is reached or any other
condition prevents the charger from charging,
CHG
will become a floating pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com