Electronic Components Datasheet Search
  English  ▼

X  

MP26060 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP26060
Description  1A Linear Li-Ion Battery Charger with Trickle Charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26060 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP26060 Datasheet HTML 2Page - Monolithic Power Systems MP26060 Datasheet HTML 3Page - Monolithic Power Systems MP26060 Datasheet HTML 4Page - Monolithic Power Systems MP26060 Datasheet HTML 5Page - Monolithic Power Systems MP26060 Datasheet HTML 6Page - Monolithic Power Systems MP26060 Datasheet HTML 7Page - Monolithic Power Systems MP26060 Datasheet HTML 8Page - Monolithic Power Systems MP26060 Datasheet HTML 9Page - Monolithic Power Systems MP26060 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP26060 – 1A LINEAR LI-ION BATTERY CHARGER WITH TRICKLE CHARGE
MP26060 Rev.0.9
www.MonolithicPower.com
6
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, CIN = 10µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.
INPUT VOLTAGE (V)
2.5
2.9
3.3
3.7
4.1
4.5
BATTERY VOLTAGE (V)
Reverse Current vs
Battery Voltage
0
200
400
600
800
1000
CHARGE CURRENT (mA)
Charge Current vs
RCHG Resistance
Battery Voltage vs
Temperature
4.05
4.09
4.13
4.17
4.21
4.25
-50 -30 -10
10
30
50
70
90
0
0.01
0.02
VIN=0V
0
2
4
6
8
10
12
14
16
18
500
540
580
620
660
700
4.3 4.4 4.5 4.6 4.7 4.8 4.9
5
VBAT=3.7V
VBAT=3.8V
800
820
840
860
880
900
-50 -30 -10 10
30
50
70
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com