Electronic Components Datasheet Search
  English  ▼

X  

MP26060 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP26060
Description  1A Linear Li-Ion Battery Charger with Trickle Charge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26060 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP26060 Datasheet HTML 3Page - Monolithic Power Systems MP26060 Datasheet HTML 4Page - Monolithic Power Systems MP26060 Datasheet HTML 5Page - Monolithic Power Systems MP26060 Datasheet HTML 6Page - Monolithic Power Systems MP26060 Datasheet HTML 7Page - Monolithic Power Systems MP26060 Datasheet HTML 8Page - Monolithic Power Systems MP26060 Datasheet HTML 9Page - Monolithic Power Systems MP26060 Datasheet HTML 10Page - Monolithic Power Systems MP26060 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP26060 – 1A LINEAR LI-ION BATTERY CHARGER WITH TRICKLE CHARGE
MP26060 Rev.0.9
www.MonolithicPower.com
7
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRAM
BATTERY
CHARGE
CONTROL
7
9
8
1
10
2
3
6
4
SS
ISET
IBF
CSS
RCHG
RBF
IN
BATT
CHG
ACOK
GND
EN
VIN
CIN
COUT
VBATT
+
_
OFF ON
IBATT
Figure 1—Functional Block Diagram
OPERATION
Input Voltage Range
The MP26060 has built-in input voltage surge
protection up to +24V. The charger IC will be
automatically disabled when the input voltage is
lower than 2.5V or higher than 6.5V. The open-
drain pin ACOK is used to indicate an input
power good condition (i.e. 2.5V<VIN<6.5V). If
the input voltage is lower than the battery
voltage, the IC is also disabled to prevent the
battery from draining.
Charge Cycle (Mode Change: Trickle -> CC-> CV)
Figure 2 below shows the typical charging
profile for the MP26060. Figure 3 shows the
typical charging procedure. For a fully depleted
battery with a terminal voltage lower than 2.6V,
the MP26060 will start with the trickle charge
(preconditioning) at 10% of the programmed full
charge current. After the battery voltage
reaches 2.6V, the charger begins charging at
the constant current of the programmed value
(ICHG). This is referred to as Constant Current
(CC) mode. Once the battery voltage reaches
4.15V, the charger will operate in the constant
voltage (CV) mode until the battery is fully
charged. The charge current drops during CV
mode, and the battery full indication is set when
the charge current in the CV mode is reduced
to the programmed full battery current (IBF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com