Electronic Components Datasheet Search
  English  ▼

X  

MP28257 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP28257
Description  4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28257 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP28257 Datasheet HTML 1Page - Monolithic Power Systems MP28257 Datasheet HTML 2Page - Monolithic Power Systems MP28257 Datasheet HTML 3Page - Monolithic Power Systems MP28257 Datasheet HTML 4Page - Monolithic Power Systems MP28257 Datasheet HTML 5Page - Monolithic Power Systems MP28257 Datasheet HTML 6Page - Monolithic Power Systems MP28257 Datasheet HTML 7Page - Monolithic Power Systems MP28257 Datasheet HTML 8Page - Monolithic Power Systems MP28257 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP28257 –4A, 4.2V-TO-20V, FAST TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTER
MP28257 Rev 1.0
www.MonolithicPower.com
3
11/8/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
1
μA
Supply current (quiescent)
IIN
VEN = 2V, VFB = 0.9V
360
μA
HS switch-on resistance
(5)
HSRDS-ON
120
mΩ
LS Switch-on resistance
(5)
LSRDS-ON
50
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 0V or
12V
0
10
μA
Current limit
ILIMIT
After Soft-Start Time-out
5.5
7
A
One-shot on time
tON
R7 = 300kΩ, VOUT = 1.2V
250
ns
Minimum off time
tOFF
130
150
ns
Fold-back off time
(5)
tFB
ILIM = 1
4.5
μs
OCP hold-off time
(5)
tOC
ILIM = 1
50
μs
Feedback voltage
VFB
TA = 25°C
807
815
823
mV
TA = -40°C to 85°C
803
827
mV
Feedback current
IFB
VFB = 800mV
10
50
nA
Soft start time
tSS
1
ms
EN rising threshold
ENVth-Hi
1.05
1.35
1.6
V
EN threshold hysteresis
ENVth-Hys
500
mV
EN input current
IEN
VEN = 2V
2
μA
VEN = 0V
0
EN Input Current
IEN
VEN=2V
2
μA
VEN=0V
0
Power-good rising threshold
PGVth-Hi
Power-good
90
%
Power-good falling threshold
PGVth-Lo
Fault condition
85
%
Power-good delay
PGTd
500
μs
Power-good sink current
IPG
PG = 0.4V
4
mA
Power-good leakage current
IPG LEAK
VPG = 3.3V
10
nA
VIN
under-voltage
lockout
threshold rising
INUVVth
3.1
V
VIN
under-voltage
lockout
threshold hysteresis
INUVHYS
300
mV
Thermal shutdown
(5)
TSD
150
°C
Thermal shutdown hysteresis
(5)
TSD-HYS
25
°C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com