Electronic Components Datasheet Search
  English  ▼

X  

MP28257 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP28257
Description  4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28257 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP28257 Datasheet HTML 3Page - Monolithic Power Systems MP28257 Datasheet HTML 4Page - Monolithic Power Systems MP28257 Datasheet HTML 5Page - Monolithic Power Systems MP28257 Datasheet HTML 6Page - Monolithic Power Systems MP28257 Datasheet HTML 7Page - Monolithic Power Systems MP28257 Datasheet HTML 8Page - Monolithic Power Systems MP28257 Datasheet HTML 9Page - Monolithic Power Systems MP28257 Datasheet HTML 10Page - Monolithic Power Systems MP28257 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP28257 –4A, 4.2V-TO-20V, FAST TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTER
MP28257 Rev 1.0
www.MonolithicPower.com
7
11/8/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1.2V, L = 2μH, TA = 25°C, unless otherwise noted.
VOUT/AC
50mV/div.
IL
2A/div.
IL
5A/div.
VOUT/AC
50mV/div.
VSW
10V/div.
IL
5A/div.
VOUT/AC
50mV/div.
VSW
10V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com