Electronic Components Datasheet Search
  English  ▼

X  

MP28257 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP28257
Description  4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28257 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP28257 Datasheet HTML 8Page - Monolithic Power Systems MP28257 Datasheet HTML 9Page - Monolithic Power Systems MP28257 Datasheet HTML 10Page - Monolithic Power Systems MP28257 Datasheet HTML 11Page - Monolithic Power Systems MP28257 Datasheet HTML 12Page - Monolithic Power Systems MP28257 Datasheet HTML 13Page - Monolithic Power Systems MP28257 Datasheet HTML 14Page - Monolithic Power Systems MP28257 Datasheet HTML 15Page - Monolithic Power Systems MP28257 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP28257 –4A, 4.2V-TO-20V, FAST TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTER
MP28257 Rev 1.0
www.MonolithicPower.com
12
11/8/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
so that the PG pin is pulled to GND before SS is
ready. After FB voltage reaches 90% of VREF, the
PG pin is pulled high after a 0.5ms delay.
When the FB voltage drops to 70% of VREF, the
PG pin will be pulled low.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
MP28257 has cycle-by cycle over-current limit
control. It monitors the inductor current during the
ON state. Once the inductor current exceeds the
current limit, the HS-FET turns off and the OCP
timer—set at 50μs—starts. The OCP triggers. If
the inductor current reaches or exceeds the
current limit every cycle if in those the 50μs, the
device enters latch-off mode
The MP28257 SCP triggers when dead shorts
occur—when the inductor current exceeds the
current limit and the FB voltage is lower than
50% of the VREF—and will trigger the OCP. The
MP28257 needs power cycle to restart after it
triggers OCP or SCP.
Over/Under-Voltage Protection (OVP/UVP)
MP28257 monitors the output voltage through a
resistor-divided FB voltage to detect over- and
under-voltage on the output. When the FB
voltage is higher than 125% of the VREF, it
triggers the OVP. Once it triggers the OVP, the
LS-FET is always on while the HS-FET is off. It
needs to power cycle to turn on again.
Conversely, the UVP triggers when the FB
voltage falls below 50% of VREF (0.815V). Usually
UVP accompanies a drop in the current limit and
this results in SCP.
UVLO Protection
MP28257 has under-voltage lock-out (UVLO)
protection. The MP28257 powers up when the
input voltage exceeds the UVLO rising threshold
voltage. It shuts off when the input voltage falls
below the UVLO falling threshold voltage. This is
non-latch protection.
Thermal Shutdown
The MP28257 employs thermal shutdown by
internally monitoring the junction temperature of
the IC. If the junction temperature exceeds the
threshold value (typically 150°C), the converter
shuts off. This is non-latch protection. There is
about 25°C hysteresis. Once the junction
temperature drops around 125°C, it initiates a
soft start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com