Electronic Components Datasheet Search
  English  ▼

X  

MP28266 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP28266
Description  21V, 3A, 500kHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28266 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP28266 Datasheet HTML 1Page - Monolithic Power Systems MP28266 Datasheet HTML 2Page - Monolithic Power Systems MP28266 Datasheet HTML 3Page - Monolithic Power Systems MP28266 Datasheet HTML 4Page - Monolithic Power Systems MP28266 Datasheet HTML 5Page - Monolithic Power Systems MP28266 Datasheet HTML 6Page - Monolithic Power Systems MP28266 Datasheet HTML 7Page - Monolithic Power Systems MP28266 Datasheet HTML 8Page - Monolithic Power Systems MP28266 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP28266 – 21V, 3A, 500kHz, SYNCHRONOUS, STEP-DOWN CONVERTER
MP28266 Rev. 1.0
www.MonolithicPower.com
3
3/16/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Quiescent)
Iq
VIN = 12V, VFB = 1V,
VAAM=5V
0.55
0.7
0.85
mA
VIN = 12V, VFB = 1V,
VAAM=0.5V
0.45
0.6
0.75
HS Switch On Resistance
HSRDS-ON
120
mΩ
LS Switch On Resistance
LSRDS-ON
20
mΩ
Switch Leakage
SWLKG
VSW = 0V or 12V,
VFB =0.7V, VAAM=0.5V
0.1
1
μA
Current Limit
(5)
ILIMIT
D=40%
4.2
5.5
A
Oscillator Frequency
fSW
VFB=550mV
425
500
595
kHz
Minimum On Time
(5)
tON-MIN
80
ns
Maximum Duty Cycle
DMAX
VFB = 550mV
85
90
%
Sync Frequency Range
fSYNC
0.3
2
MHz
Feedback Voltage
VFB
TA = 25
oC
591
603
615
mV
-40
oC<T
A<85
oC(6)
588
603
618
Feedback Current
IFB
VFB = 650mV
10
50
nA
AAM-High Threshold
VAAM HIGH
2.9
V
AAM-Low Threshold
VAAM LOW
2.2
V
AAM Input Current
IAAM
VAAM=0V
0
μA
VAAM=5V
3.3
μA
SYNC Input HIGH Level
VHI
1.8
V
SYNC Input LOW Level
VLO
0.4
V
SYNC Input Current
ISYNC
VSYNC=6V
6
μA
Soft-Start current
ISS
VSS=0
10
μA
VIN Under-Voltage Lockout
Threshold—Rising
INUVVth_rising
5.2
5.5
5.8
V
VIN Under-Voltage Lockout
Threshold—Falling
INUVVth_falling
4.1
4.4
4.7
V
VCC Regulator
VCC
5
V
VCC Load Regulation
Icc=5mA
5
%
Thermal Shutdown
(5)
TSD
150
°C
Notes:
5) Guaranteed by design.
6) Not tested in production and guaranteed by over-temperature correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com