Electronic Components Datasheet Search
  English  ▼

X  

MP28266 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP28266
Description  21V, 3A, 500kHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28266 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP28266 Datasheet HTML 6Page - Monolithic Power Systems MP28266 Datasheet HTML 7Page - Monolithic Power Systems MP28266 Datasheet HTML 8Page - Monolithic Power Systems MP28266 Datasheet HTML 9Page - Monolithic Power Systems MP28266 Datasheet HTML 10Page - Monolithic Power Systems MP28266 Datasheet HTML 11Page - Monolithic Power Systems MP28266 Datasheet HTML 12Page - Monolithic Power Systems MP28266 Datasheet HTML 13Page - Monolithic Power Systems MP28266 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP28266 – 21V, 3A, 500kHz, SYNCHRONOUS, STEP-DOWN CONVERTER
MP28266 Rev. 1.0
www.MonolithicPower.com
13
3/16/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
SS
SYNC
AAM
GND
VIN
1 F
C5
10k
R3
10k
R1
0.1 F
C3
1.2V/3A
GND
VCC
100k
R9
90.9k
R4
10k
R2
0
R6
22 F
C2A
0.1 F
C2C
VOUT
22 F
C1A
0.1 F
C4
24k
R8
MP28266
0.1 F
C1B
20
R5
2.8 H
L1
10
R7
47nF
C7
15pF
C6
22 F
C2B
VCC
11
AAM
7
IN
1
SW
SYNC
9
SS
10
FB
8
BST
6
2,3,4,5
U1
SW
FB
Figure 7: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com