Electronic Components Datasheet Search
  English  ▼

X  

MP28266 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28266
Description  21V, 3A, 500kHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28266 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28266 Datasheet HTML 1Page - Monolithic Power Systems MP28266 Datasheet HTML 2Page - Monolithic Power Systems MP28266 Datasheet HTML 3Page - Monolithic Power Systems MP28266 Datasheet HTML 4Page - Monolithic Power Systems MP28266 Datasheet HTML 5Page - Monolithic Power Systems MP28266 Datasheet HTML 6Page - Monolithic Power Systems MP28266 Datasheet HTML 7Page - Monolithic Power Systems MP28266 Datasheet HTML 8Page - Monolithic Power Systems MP28266 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP28266
21V, 3A, 500kHz, Synchronous
Step-Down Converter
MP28266 Rev. 1.0
www.MonolithicPower.com
1
3/16/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28266 is a synchronous, rectified, step-
down, switch-mode converter with built in
internal power MOSFETs. It offers a very
compact solution to achieve a 3A continuous
output current over a wide input supply range,
with excellent load and line regulation. The
MP28266 has synchronous mode operation for
higher efficiency over the output-current–load
range.
Current-mode
operation
provides
a
fast
transient response and eases loop stabilization.
Full protection features include over-current
protection and thermal shutdown.
The MP28266 requires a minimal number of
readily-available standard external components,
and is available in a space-saving 3mm×4mm
14-pin QFN package.
FEATURES
 Wide 6V-to-21V Operating Input Range
 0.6V Internal Reference with 2% Accuracy
 3A Output Current
 Low-Rds(ON) Internal Power MOSFETs
 Fixed 500kHz Switching Frequency
 Frequency SYNC from a 300kHz-to-2MHz
External Clock
 External Soft-Start
 AAM Power-Save Mode
 OCP and Thermal Shutdown
 Available in a 3mm×4mm QFN14 Package.
APPLICATIONS
 DSL Modems
 Cable Modems
 Set Top Boxes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
SYNC
AAM
VIN
1 F
C5
10k
R3
10k
R1
0.1 F
C3
1.2V/3A
90.9k
R4
10k
R2
22 F
C2A
VOUT
22 F
C1A
0.1 F
C4
24k
R8
MP28266
0.1
C1B
2.8 H
L1
47nF
C7
VCC
11
AAM
7
IN
1
SW
SYNC
9
SS
10
FB
8
BST
6
2,3,4,5
6V-21V


Similar Part No. - MP28266

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
2A, 21V, 1.1MHz Synchronous Step-down Converter
MP28262EL MPS-MP28262EL Datasheet
331Kb / 14P
2A, 21V, 1.1MHz Synchronous Step-down Converter
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28265EL MPS-MP28265EL Datasheet
373Kb / 14P
21V, 5A, 1.1MHz Synchronous Step-down Converter
More results

Similar Description - MP28266

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8288 RICHTEK-RT8288 Datasheet
325Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28256 MPS-MP28256 Datasheet
360Kb / 13P
21V, 3A 500kHz Synchronous Step-Down Coverter
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
21V, 3A, 500kHz Synchronous Step-Down Coverter
EVQ28261-L-00A MPS-EVQ28261-L-00A Datasheet
343Kb / 6P
21V, 3A 500kHz Synchronous Step-down Converter EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com