Electronic Components Datasheet Search
  English  ▼

X  

MP28266 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP28266
Description  21V, 3A, 500kHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28266 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP28266 Datasheet HTML 6Page - Monolithic Power Systems MP28266 Datasheet HTML 7Page - Monolithic Power Systems MP28266 Datasheet HTML 8Page - Monolithic Power Systems MP28266 Datasheet HTML 9Page - Monolithic Power Systems MP28266 Datasheet HTML 10Page - Monolithic Power Systems MP28266 Datasheet HTML 11Page - Monolithic Power Systems MP28266 Datasheet HTML 12Page - Monolithic Power Systems MP28266 Datasheet HTML 13Page - Monolithic Power Systems MP28266 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP28266 – 21V, 3A, 500kHz, SYNCHRONOUS, STEP-DOWN CONVERTER
MP28266 Rev. 1.0
www.MonolithicPower.com
12
3/16/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Refer to Figure 5 to select an optimal voltage and
then use the following equation to determine the
value of R4. Assume R3 to be 10kΩ:
VCC
R4 R3
1
AAM




0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0 1 2 3 4 5 6 7 8 9 10 1112
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
VOUT=3.3V
VOUT=5V
Figure 5: AAM Selection for Common Output
Voltages (VIN=6V-to-21V)
External Bootstrap Diode
An external bootstrap diode can enhance the
efficiency of the regulator given the applicable
conditions:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
The external BST diode connects from the VCC
pin to the BST pin, as shown in Figure 6.
MP28266
SW
BST
C
L
VCC
BST
COUT
External BST Diode
IN4148
+
Figure 6: Optional External Bootstrap Diode
for Enhanced Efficiency
The recommended external BST diode is
IN4148, and the BST capacitor is 0.1µF to 1μF.
PC Board Layout
Place the high current paths (GND, IN and SW)
very close to the device with short, direct, and
wide traces. Place the input capacitor as close as
possible to the IN and GND pins. Place the
external feedback resistors next to the FB pin.
Keep the switching node SW short and away
from the feedback network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com