Electronic Components Datasheet Search
  English  ▼

X  

MP38900 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP38900
Description  High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38900 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP38900 Datasheet HTML 2Page - Monolithic Power Systems MP38900 Datasheet HTML 3Page - Monolithic Power Systems MP38900 Datasheet HTML 4Page - Monolithic Power Systems MP38900 Datasheet HTML 5Page - Monolithic Power Systems MP38900 Datasheet HTML 6Page - Monolithic Power Systems MP38900 Datasheet HTML 7Page - Monolithic Power Systems MP38900 Datasheet HTML 8Page - Monolithic Power Systems MP38900 Datasheet HTML 9Page - Monolithic Power Systems MP38900 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MP38900/MP38900-B–HIGHEFFICIENCY,FASTTRANSIENTSYNCHRONOUSSTEP-DOWNCONVERTER
MP38900/MP38900-B Rev. 1.1
www.MonolithicPower.com
6
6/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
AGND
Analog Ground.
2
FREQ
Frequency Set during CCM operation. The ON period is determined by the input
voltage and the frequency-set resistor connected to FREQ pin. Connect a resistor
to IN for line feed-forward. Decouple with a 1nF capacitor.
3
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB
pin, sets the output voltage.
4
SS
Soft Start. Connect an external SS capacitor to program the soft start time for the
switch mode regulator. When the EN pin becomes high, an internal current source
(8.5μA) charges up the SS capacitor and the SS voltage slowly ramps up from 0 to
VFB smoothly. For MP38900, when the EN pin becomes low, an internal current
source (8.5μA) discharges the SS capacitor and the SS voltage slowly ramps
down. For MP38900-B, SS will pull low as soon as EN goes low.
5
EN
EN=1 to enable the MP38900/MP38900-B. For automatic start-up, connect EN pin
to IN with a 100kΩ resistor. It includes an internal 1MΩ pull-down resistor.
6
PGOOD
Power Good Output. The output of this pin is an open drain and is high if the
output voltage is higher than 90% of the nominal voltage. There is delay from FB ≥
90% to PGOOD high, which is 50% of SS time plus 0.5ms. For MP38900-B, the
delay is fixed as 1.5ms.
7
BST
Bootstrap. A capacitor connected between SW and BS pins is required to form a
floating supply across the high-side switch driver.
8, 19
IN
Supply Voltage. The MP38900/MP38900-B operates from a +4.5V to +16V input
rail. C1 is needed to decouple the input rail. Use wide PCB traces and multiple vias
to make the connection.
9, 10, 17, 18
SW
Switch Output. Use wide PCB traces and multiple vias to make the connection.
11-16
PGND
System Ground. This pin is the reference ground of the regulated output voltage.
For this reason care must be taken in PCB layout.
20
VCC
MP38900: External 5V Supply. This 5V supply has to be applied in order to bias
the device. Decouple with a 1µF capacitor as close to this pin as possible.
MP38900-B: Internal 5V supply. Decouple with a 1μF capacitor as close to this pin
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com