Electronic Components Datasheet Search
  English  ▼

X  

MP38900 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP38900
Description  High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38900 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP38900 Datasheet HTML 8Page - Monolithic Power Systems MP38900 Datasheet HTML 9Page - Monolithic Power Systems MP38900 Datasheet HTML 10Page - Monolithic Power Systems MP38900 Datasheet HTML 11Page - Monolithic Power Systems MP38900 Datasheet HTML 12Page - Monolithic Power Systems MP38900 Datasheet HTML 13Page - Monolithic Power Systems MP38900 Datasheet HTML 14Page - Monolithic Power Systems MP38900 Datasheet HTML 15Page - Monolithic Power Systems MP38900 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP38900/MP38900-B–HIGHEFFICIENCY,FASTTRANSIENTSYNCHRONOUSSTEP-DOWNCONVERTER
MP38900/MP38900-B Rev. 1.1
www.MonolithicPower.com
12
6/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP38900/MP38900-B is a fully integrated
synchronous rectified step-down switch mode
converter. Constant-on-time (COT) control is
employed to provide fast transient response and
easy loop stabilization. At the beginning of each
cycle, the high-side MOSFET (HS-FET) is turned
on when the feedback voltage (VFB) is below the
reference
voltage
(VREF)
which
indicates
insufficient output voltage. The ON period is
determined by the input voltage and the
frequency-set resistor as follows:

(ns)
t
0.45
(V)
V
k
R7
12
ns
t
DELAY1
IN
on
)
(
(1)
Where R7 is the resistor to set switching
frequency, tDELAY1 is the 20ns delay of a
comparator in the tON module.
After the ON period elapses, the HS-FET is
turned off, or becomes OFF state. It is turned ON
again when VFB drops below VREF. By repeating
operation this way, the converter regulates the
output voltage. The integrated low-side MOSFET
(LS-FET) is turned on when the HS-FET is in its
OFF state to minimize the conduction loss. There
will be a dead short between input and GND if
both HS-FET and LS-FET are turned on at the
same time. It’s called shoot-through. In order to
avoid shoot-through, a dead-time (DT) is
internally generated between HS-FET off and LS-
FET on, or LS-FET off and HS-FET on.
Heavy-Load Operation
Figure 3: Heavy Load Operation
As Figure 3 shows, when the output current is
high, the HS-FET and LS-FET repeat on/off as
described above. In this operation, the inductor
current will never go to zero. It’s called
continuous-conduction-mode (CCM) operation. In
CCM operation, the switching frequency (fSW) is
fairly constant.
Light-Load Operation
When
the
load
current
decreases,
The
MP38900/MP38900-B reduces the switching
frequency
automatically
to
maintain
high
efficiency. The light load operation is shown in
Figure 4. The VFB does not reach VREF when the
inductor current is approaching zero. As the
output current reduces from heavy-load condition,
the inductor current also decreases, and
eventually comes close to zero. The LS-FET
driver turns into tri-state (high Z) whenever the
inductor current reaches zero level. A current
modulator takes over the control of LS-FET and
limits the inductor current to less than 600μA.
Hence, the output capacitors discharge slowly to
GND through LS-FET as well as R1 and R2. As a
result, the efficiency at light load condition is
greatly improved. At light load condition, the HS-
FET is not turned ON as frequently as at heavy
load condition. This is called skip mode.
Figure 4: Light Load Operation
As the output current increases from the light
load condition, the time period within which the
current modulator regulates becomes shorter.
The HS-FET is turned on more frequently. Hence,
the switching frequency increases correspondingly.
The output current reaches the critical level when
the current modulator time is zero. The critical
level of the output current is determined as
follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com