Electronic Components Datasheet Search
  English  ▼

X  

MP38900 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP38900
Description  High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38900 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP38900 Datasheet HTML 1Page - Monolithic Power Systems MP38900 Datasheet HTML 2Page - Monolithic Power Systems MP38900 Datasheet HTML 3Page - Monolithic Power Systems MP38900 Datasheet HTML 4Page - Monolithic Power Systems MP38900 Datasheet HTML 5Page - Monolithic Power Systems MP38900 Datasheet HTML 6Page - Monolithic Power Systems MP38900 Datasheet HTML 7Page - Monolithic Power Systems MP38900 Datasheet HTML 8Page - Monolithic Power Systems MP38900 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP38900/MP38900-B
High Efficiency, Fast Transient, 10A, 16V
Synchronous Step-down Converter
In a Tiny QFN20 (3x4mm) Package
MP38900/MP38900-B Rev. 1.1
www.MonolithicPower.com
1
6/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP38900/MP38900-B is a fully integrated,
high frequency synchronous rectified step-down
switch mode converter. It offers a very compact
solution to achieve 10A continuous output current
over a wide input supply range with excellent
load and line regulation. The
MP38900/
MP38900-B operates at high efficiency over a
wide output current load range.
The table below summarizes the variations
among the MP38900 and the MP38900-B.
MP38900
External
VCC
OCP
Latch Off
Soft SHDN
MP38900-B
Built-in VCC
OCP
Hiccup
Hi-Z SHDN
To futher optimize efficiency at light load, the VCC
supply of MP38900 is designed to be biased
externally.
Constant-On-Time (COT) control mode provides
fast
transient
response
and
eases
loop
stabilization.
Full protection features include SCP, OCP, OVP,
UVP and thermal shutdown.
The MP38900/MP38900-B requires a minimum
number of readily available standard external
components and is available in a space-saving
QFN20 (3x4mm) package.
FEATURES
 Wide 4.5V to 16V Operating Input Range
 10A Output Current
 Internal 27mΩ High-Side, 10mΩ Low-Side
Power MOSFETs
 Proprietary Switching Loss Reduction
Technique
 1% Reference Voltage
 Programmable Soft Start Time
 Soft Shutdown (MP38900,)
 High-Z Shutdown (MP38900-B)
 Programmable Switching Frequency
 SCP, OCP, OVP, UVP Protection and
Thermal Shutdown
 Output Adjustable from 0.8V to 13V
 Available in a QFN20 (3x4mm) Package
APPLICATIONS
Notebook Systems and I/O Power
Networking Systems
Optical Communication Systems
Distributed Power POL Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP38900

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP38 APEX-MP38 Datasheet
263Kb / 4P
POWER OPERATIONAL AMPLIFIER
logo
Monolithic Power System...
MP3801 MPS-MP3801 Datasheet
442Kb / 7P
190Vpp High Voltage EL Lamp Driver
MP3801DH MPS-MP3801DH Datasheet
442Kb / 7P
190Vpp High Voltage EL Lamp Driver
MP3802 MPS-MP3802 Datasheet
185Kb / 5P
240Vpp High Voltage EL Lamp Driver
MP3802DH MPS-MP3802DH Datasheet
185Kb / 5P
240Vpp High Voltage EL Lamp Driver
More results

Similar Description - MP38900

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP8736 MPS-MP8736 Datasheet
1Mb / 23P
High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
NB638 MPS-NB638 Datasheet
765Kb / 19P
High Efficiency, Fast Transient, 7A, 28V Synchronous Step-down Converter in a Tiny 3x4mm QFN Package
NB639 MPS-NB639 Datasheet
868Kb / 19P
High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter In a Tiny QFN20 (3x4mm) Package
NB6381 MPS-NB6381 Datasheet
747Kb / 19P
High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter in a Tiny QFN20 (3x4mm) Package
logo
ACE Technology Co., LTD...
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1488C HMSEMI-HM1488C Datasheet
877Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com