Electronic Components Datasheet Search
  English  ▼

X  

MPQ4456 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ4456
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4456 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ4456 Datasheet HTML 1Page - Monolithic Power Systems MPQ4456 Datasheet HTML 2Page - Monolithic Power Systems MPQ4456 Datasheet HTML 3Page - Monolithic Power Systems MPQ4456 Datasheet HTML 4Page - Monolithic Power Systems MPQ4456 Datasheet HTML 5Page - Monolithic Power Systems MPQ4456 Datasheet HTML 6Page - Monolithic Power Systems MPQ4456 Datasheet HTML 7Page - Monolithic Power Systems MPQ4456 Datasheet HTML 8Page - Monolithic Power Systems MPQ4456 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MPQ4456 –INDUSTRIAL GRADE, 1A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4456 Rev. 1.0
www.MonolithicPower.com
4
2/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2
SW
Switch Node. This is the output from the high-side switch. A low Vf Schottky rectifier to
ground is required. The rectifier must be close to the SW pins to reduce switching spikes.
3
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down. Pulling it up
above the specified threshold or leaving it floating enables the chip.
4
COMP
Compensation. This node is the output of the GM error amplifier. Control loop frequency
compensation is applied to this pin.
5
FB
Feedback. This is the input to the error amplifier. An external resistive divider connected
between the output and GND is compared to the internal +0.8V reference to set the
regulation voltage.
6
GND,
Exposed
Pad
Ground. It should be connected as close as possible to the output capacitor avoiding the high
current switch paths. The exposed pad and GND pin must be connected to the same ground
plane.
7
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to set the
switching frequency.
8, 9
VIN
Input Supply. This supplies power to all the internal control circuitry, both BS regulators and
the high-side switch. A decoupling capacitor to ground must be placed close to this pin to
minimize switching spikes.
10
BST
Bootstrap. This is the positive power supply for the internal floating high-side MOSFET driver.
Connect a bypass capacitor between this pin and SW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com