Electronic Components Datasheet Search
  English  ▼

X  

MPQ4456 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4456
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4456 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4456 Datasheet HTML 1Page - Monolithic Power Systems MPQ4456 Datasheet HTML 2Page - Monolithic Power Systems MPQ4456 Datasheet HTML 3Page - Monolithic Power Systems MPQ4456 Datasheet HTML 4Page - Monolithic Power Systems MPQ4456 Datasheet HTML 5Page - Monolithic Power Systems MPQ4456 Datasheet HTML 6Page - Monolithic Power Systems MPQ4456 Datasheet HTML 7Page - Monolithic Power Systems MPQ4456 Datasheet HTML 8Page - Monolithic Power Systems MPQ4456 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MPQ4456
Industrial Grade ,1A, 4MHz, 36V
Step-Down Converter
MPQ4456 Rev. 1.0
www.MonolithicPower.com
1
2/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The MPQ4456 is a high frequency step-down
switching regulator with an integrated internal
high-side high voltage power MOSFET. It
provides 1 A output with current mode control
for fast loop response and easy compensation.
The
wide
3.8V
to
36V
input
range
accommodates
a
variety
of
step-down
applications, including those in automotive
systems. A 120 A operational quiescent current
is
suitable
for
use
in
battery-powered
applications.
Special controlled circuitry allows the MPQ4456
to maintain PWM operation at low output
currents. This lowers noise by reducing the
pulse skipping.
By switching at 4MHz, the MPQ4456 prevents
EMI
(Electromagnetic
Interference)
noise
problems, such as those found in AM radio and
ADSL applications.
The MPQ4456 is available in thin 10-pin 3mm x 3mm
TQFN package.
FEATURES
•
Guaranteed Industrial Temp Range
•
120µA Quiescent Current
•
Wide 3.8V to 36V Operating Input Range
•
300m
Internal Power MOSFET
•
Up to 4MHz Programmable Switching
Frequency
•
Ceramic Capacitor Stable
•
Internal Soft-Start
•
Extended PWM Operation Reduces Noise
•
Up to 95% Efficiency
•
Output Adjustable from 0.8V to 36V
•
Available in 10-Pin 3x3 TQFN Package
APPLICATIONS
•
High Voltage Power Conversion
•
Automotive Systems
•
Industrial Power Systems
•
Distributed Power Systems
•
Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MPQ4456
COM P
FB
FREQ
EN
4
5
7
3
VIN
GND
SW
BST
8, 9
6
1, 2
10
VIN
36V Max
CONTRO L
C3
150pF
C6
NS
10MQ100N
C4
100nF
100
90
80
70
60
50
40
30
20
0
500
1000
LOAD
CURRENT
(mA)
Efficiency
vs
Load
Current
V
O
=3.3V
V
I
=5V
V
I
=12V
V
I
=24V


Similar Part No. - MPQ4456

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458DQT MPS-MPQ4458DQT Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4459DQT MPS-MPQ4459DQT Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
More results

Similar Description - MPQ4456

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
MP2562 MPS-MP2562 Datasheet
617Kb / 20P
1A, 4MHz, 50V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Richtek Technology Corp...
RTQ2131B-QA RICHTEK-RTQ2131B-QA Datasheet
427Kb / 28P
1A, 36V, 2.1MHz Synchronous Step-Down Converter
August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com