Electronic Components Datasheet Search
  English  ▼

X  

MPQ4456 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MPQ4456
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4456 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MPQ4456 Datasheet HTML 8Page - Monolithic Power Systems MPQ4456 Datasheet HTML 9Page - Monolithic Power Systems MPQ4456 Datasheet HTML 10Page - Monolithic Power Systems MPQ4456 Datasheet HTML 11Page - Monolithic Power Systems MPQ4456 Datasheet HTML 12Page - Monolithic Power Systems MPQ4456 Datasheet HTML 13Page - Monolithic Power Systems MPQ4456 Datasheet HTML 14Page - Monolithic Power Systems MPQ4456 Datasheet HTML 15Page - Monolithic Power Systems MPQ4456 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MPQ4456 –INDUSTRIAL GRADE, 1A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4456 Rev. 1.0
www.MonolithicPower.com
15
2/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines and take Figure 4 for reference.
1)
Keep the path of switching current short
and minimize the loop area formed by Input
cap,
high-side
MOSFET
and
external
switching diode.
2)
Bypass ceramic capacitors are suggested
to be put close to the VIN Pin.
3)
Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4)
Route SW away from sensitive analog
areas such as FB.
5)
Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
C1
C3
R2
R1
L1
C4
C2
D1
VOU T
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COM P
MPQ4456
EN
R5
R6
R3
R4
MPQ4456 Typical Application Circuit
Top Layer
Bottom Layer
Figure 4―MPQ4456 Typical Application Circuit and PCB Layout Guide
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com