Electronic Components Datasheet Search
  English  ▼

X  

MPQ4456 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ4456
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4456 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ4456 Datasheet HTML 8Page - Monolithic Power Systems MPQ4456 Datasheet HTML 9Page - Monolithic Power Systems MPQ4456 Datasheet HTML 10Page - Monolithic Power Systems MPQ4456 Datasheet HTML 11Page - Monolithic Power Systems MPQ4456 Datasheet HTML 12Page - Monolithic Power Systems MPQ4456 Datasheet HTML 13Page - Monolithic Power Systems MPQ4456 Datasheet HTML 14Page - Monolithic Power Systems MPQ4456 Datasheet HTML 15Page - Monolithic Power Systems MPQ4456 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MPQ4456 –INDUSTRIAL GRADE, 1A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4456 Rev. 1.0
www.MonolithicPower.com
12
2/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Compensation Components
MPQ4456 employs current mode control for
easy compensation and fast transient response.
The system stability and transient response are
controlled through the COMP pin. COMP pin is
the output of the internal error amplifier. A
series capacitor-resistor combination sets a
pole-zero
combination
to
control
the
characteristics of the control system. The DC
gain of the voltage feedback loop is given by:
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
×
×
×
=
Where AVEA is the error amplifier voltage gain,
GCS is the current sense transconductance, and
RLOAD is the load resistor value. The system has
two poles of importance. One is due to the
compensation
capacitor
(C3),
the
output
resistor of error amplifier. The other is due to
the output capacitor and the load resistor.
These poles are located at:
VEA
EA
1
P
A
3
C
2
G
f
×
×
π
=
And
LOAD
2
P
R
2
C
2
1
f
×
×
π
=
The system has one zero of importance, due to
the compensation capacitor (C3) and the
compensation resistor (R3). This zero is located
at:
3
R
3
C
2
1
f 1
Z
×
×
π
=
The
system
may
have
another
zero
of
importance, if the output capacitor has a large
capacitance and/or a high ESR value. The zero,
due to the ESR and capacitance of the output
capacitor, is located at:
ESR
ESR
R
2
C
2
1
f
×
×
π
=
In this case (as shown in Figure 2), a third pole
set by the compensation capacitor (C6) and the
compensation
resistor
(R3)
is
used
to
compensate the effect of the ESR zero on the
loop gain. This pole is located at:
3
R
6
C
2
1
f
3
P
×
×
π
=
The goal of compensation design is to shape
the converter transfer function to get a desired
loop gain. The system crossover frequency
where the feedback loop has the unity gain is
important. Lower crossover frequencies result
in slower line and load transient responses,
while higher crossover frequencies could cause
system unstable. A good rule of thumb is to set
the crossover frequency to approximately one-
tenth of the switching frequency or lower. The
Table 4 lists the typical values of compensation
components for some standard output voltages
with various output capacitors and inductors.
The values of the compensation components
have
been
optimized
for
fast
transient
responses and good stability at given conditions.
Table 4—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
L
CO
R3
C3
C6
1.8V
4.7 H
47 F
ceramic
105k
100pF
None
2.5V
4.7 H-
6.8 H
22 F
ceramic
54.9k
220pF
None
3.3V
6.8 H-
10 H
22 F
ceramic
68.1k
220pF
None
5V
15 H-
22 H
22 F
ceramic
100k
150pF
None
12V
22 H-
33 H
22 F
ceramic
147k
150pF
None
Note: The selection of L is based on fs =
500kHz. Please refer to “Inductor section” on
page7 to select proper inductor if fs is higher
than that.
To optimize the compensation components for
conditions not listed in Table 4, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com