Electronic Components Datasheet Search
  English  ▼

X  

MPQ4470 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPQ4470
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4470 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPQ4470 Datasheet HTML 5Page - Monolithic Power Systems MPQ4470 Datasheet HTML 6Page - Monolithic Power Systems MPQ4470 Datasheet HTML 7Page - Monolithic Power Systems MPQ4470 Datasheet HTML 8Page - Monolithic Power Systems MPQ4470 Datasheet HTML 9Page - Monolithic Power Systems MPQ4470 Datasheet HTML 10Page - Monolithic Power Systems MPQ4470 Datasheet HTML 11Page - Monolithic Power Systems MPQ4470 Datasheet HTML 12Page - Monolithic Power Systems MPQ4470 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MPQ4470/4470A–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4470/4470A Rev. 1.1
www.MonolithicPower.com
9
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
AGND
Analog Ground.
2
FREQ
Frequency Set (for CCM). The input voltage and the frequency-set resistor
connected to GND determine the ON period. Decouple with a 1nF capacitor.
3
FB
Feedback. The tap of external resistor divider from the output to GND sets the
output voltage.
4
SS
Soft-Start. Connect an external capacitor to program the soft-start time for the
switch-mode regulator. When the EN pin goes HIGH, an internal current source
(8.5µA) charges up the capacitor and the SS voltage slowly and smoothly ramps
up from 0 to VFB. When the EN pin goes LOW, the internal current source
discharges the capacitor and the SS voltage slowly ramps down.
5
EN
Enable. EN=1 to enable the MPQ4470/4470A. For automatic start-up, connect EN
pin to IN with a 100kΩ resistor. It includes an internal 1MΩ pull-down resistor.
6
PGOOD
Power Good Output. The output of this pin is an open drain and goes HIGH if the
output voltage exceeds 90% of the nominal voltage. There is delay of ~700µs from
FB ≥ 90% to PGOOD HIGH.
7
BST
Bootstrap. Requires a 0.1µF-to-1µF capacitor connected between SW and BS pins
to form a floating supply across the high-side switch driver.
8, 19,
Exposed pads
21, 22, 23
IN
Supply Voltage. The MPQ4470/4470A operates from a 4.5V-to-36V input rail.
Requires CIN to decouple the input rail. Connect using wide PCB traces and
multiple vias.
9, 10, 17, 18,
Exposed pads
24, 25
SW
Switch Output. Connect using wide PCB traces and multiple vias.
11-16
PGND
System Ground. This pin is the reference ground of the regulated output voltage.
For this reason care must be taken in PCB layout.
20
VCC
Internal Bias Supply. Decouple with a 1µF capacitor as close to the pin as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com