Electronic Components Datasheet Search
  English  ▼

X  

MPQ4470 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MPQ4470
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4470 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MPQ4470 Datasheet HTML 11Page - Monolithic Power Systems MPQ4470 Datasheet HTML 12Page - Monolithic Power Systems MPQ4470 Datasheet HTML 13Page - Monolithic Power Systems MPQ4470 Datasheet HTML 14Page - Monolithic Power Systems MPQ4470 Datasheet HTML 15Page - Monolithic Power Systems MPQ4470 Datasheet HTML 16Page - Monolithic Power Systems MPQ4470 Datasheet HTML 17Page - Monolithic Power Systems MPQ4470 Datasheet HTML 18Page - Monolithic Power Systems MPQ4470 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MPQ4470/4470A–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4470/4470A Rev. 1.1
www.MonolithicPower.com
15
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
A resistor divider from the output voltage to the
FB pin set VOUT.
Without
an
external
ramp
employed,
the
feedback resistors (R1 and R2) set the output
voltage. To determine the values for the resistors,
first, choose R2 (typically 5kΩ-40kΩ). Then R1 is:
OUT
REF
REF
VV
R1
R2
V
−
=×
(10)
When using a low-ESR ceramic capacitor on the
output, add an external voltage ramp to the FB
pin through R4 and C4. The ramp voltage (VRAMP)
affects output voltage. Calculate VRAMP as per
equation 19. Choose R2 between 5kΩ and 40kΩ.
Determine R1 as:
1
4
2
1
1
2
1
2
1
−
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
−
−
−
×
+
=
R
)
V
V
V
(
R
V
V
R
RAMP
REF
OUT
RAMP
REF
(11)
Using equation 11 to calculate the output voltage
can be complicated. Furthermore, as VRAMP
changes due to changes in VOUT and VIN, VFB also
varies. To improve the output voltage accuracy
and simplify the R2 calculation from equation 11,
add a DC-blocking capacitor (CDC). Figure 9
shows a simplified circuit with external ramp
compensation and a DC-blocking capacitor.
Equation 10 can then estimate R1)
Select a CDC value between 1µF and 4.7μF to
improve DC-blocking performance.
Cdc
Figure 9: Simplified Circuit with External Ramp
Compensation and DC Blocking Capacitor
Input Capacitor
The input current to the step-down converter is
discontinuous,
and
Therefore
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC input
voltage. Ceramic capacitors are recommended
for best performance. Be sure to place the input
capacitors as close to the IN pin as possible.
The
capacitance
varies
significantly
with
temperature. Capacitors with X5R and X7R
ceramic dielectrics are are fairly stable over
temperature fluctuations.
The capacitors must also have a ripple-current
rating greater than the converter’s maximum
input-ripple current. The input ripple current can
be estimated as follows:
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV
=×
× −
(12)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
CIN
I
I
2
=
(13)
For simplification, choose an input capacitor
whose RMS current rating is greater than half of
the maximum load current.The input capacitance
value determines the input voltage ripple of the
converter. If there is an input-voltage-ripple
requirement in the system design, choose an
input capacitor that meets the specification
The input voltage ripple can be estimated as
follows:
OUT
OUT
OUT
IN
SW
IN
IN
IN
IV
V
V(1
)
FC
V
V
Δ=
×
× −
×
(14)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
IN
SW
IN
I
1
V
4F
C
Δ= ×
×
(15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com