Electronic Components Datasheet Search
  English  ▼

X  

MPQ4470 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPQ4470
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4470 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPQ4470 Datasheet HTML 12Page - Monolithic Power Systems MPQ4470 Datasheet HTML 13Page - Monolithic Power Systems MPQ4470 Datasheet HTML 14Page - Monolithic Power Systems MPQ4470 Datasheet HTML 15Page - Monolithic Power Systems MPQ4470 Datasheet HTML 16Page - Monolithic Power Systems MPQ4470 Datasheet HTML 17Page - Monolithic Power Systems MPQ4470 Datasheet HTML 18Page - Monolithic Power Systems MPQ4470 Datasheet HTML 19Page - Monolithic Power Systems MPQ4470 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MPQ4470/4470A–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4470/4470A Rev. 1.1
www.MonolithicPower.com
16
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Output Capacitor
The output capacitor maintains the DC output
voltage. Use ceramic or POSCAP capacitors.
The output voltage ripple can be estimated as:
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
FL
V
8 F
C
Δ=
× −
×
+
××
×
(16)
Where RESR is the equivalent series resistance of
the output capacitor.
For ceramic capacitors, capacitance dominates
the impedance at the switching frequency, can is
the primary cause of the output-voltage ripple.
For simplification, estimate the output voltage
ripple as:
OUT
OUT
OUT
2
SW
OUT
IN
VV
V(1
)
8F
L C
V
Δ=
× −
×× ×
(17)
The output voltage ripple caused by ESR is very
small and therefore requires an external ramp to
stabilize the system. The voltage ramp is ~30mV.
The external ramp can be generated through R4
and C4 using the following equation:
IN
OUT
ON
RAMP
(V
V
) T
V
R4
C4
−×
=
×
(18)
Select C4 to meet the following condition:
SW
R1 R2
11
()
2F
C4
5
R1 R2
×
<×
π×
×
+
(19)
For POSCAP capacitors, the ESR dominates the
impedance at the switching frequency. The ramp
voltage generated from the ESR is high enough
to stabilize the system. Therefore, an external
ramp is not needed. A minimum ESR value of
12mΩ is required to ensure stable operation of
the converter. For simplification, the output ripple
can be approximated as:
OUT
OUT
OUT
ESR
SW
IN
VV
V(1
) R
FL
V
Δ=
× −
×
×
(20)
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switching input voltage. A larger inductance
will result in less ripple current and a lower output
ripple voltage. However, a larger inductance
resultsin a larger inductor, which will physically
larger, and have a higher series resistance
and/or lower saturation current. A good rule for
determining the inductor value is to allow the
peak-to-peak ripple current in the inductor to be
approximately 30% to 40% of the maximum
switch current limit. Ensure that the peak inductor
current is below the maximum switch current limit.
The inductance value can be calculated as:
OUT
OUT
SW
L
IN
VV
L(1
)
FI
V
=× −
×Δ
(21)
Where ΔIL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated as:
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2F
L
V
=+
× −
×
(22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com