Electronic Components Datasheet Search
  English  ▼

X  

MPQ4470 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPQ4470
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4470 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPQ4470 Datasheet HTML 10Page - Monolithic Power Systems MPQ4470 Datasheet HTML 11Page - Monolithic Power Systems MPQ4470 Datasheet HTML 12Page - Monolithic Power Systems MPQ4470 Datasheet HTML 13Page - Monolithic Power Systems MPQ4470 Datasheet HTML 14Page - Monolithic Power Systems MPQ4470 Datasheet HTML 15Page - Monolithic Power Systems MPQ4470 Datasheet HTML 16Page - Monolithic Power Systems MPQ4470 Datasheet HTML 17Page - Monolithic Power Systems MPQ4470 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MPQ4470/4470A–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4470/4470A Rev.1.0
www.MonolithicPower.com
14
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
on to discharge VO until the inductor current
drops to zero while the HS-FET remains off. The
MPQ4470 needs to power cycle to restart. Note
that MPQ4470A has no this OVP function.
The MPQ4470/4470A also monitors FB pin
voltage to detect output under-voltage condition.
A VFB drop below 50% ×VREF triggers UVP as
well as a current-limit that triggers SCP.
UVLO Protection
The MPQ4470/4470A has under-voltage lock-out
protection (UVLO). When the input voltage is
higher than the UVLO rising threshold voltage,
the MPQ4470/4470A will be powered up. It shuts
off when the input voltage is lower than the
UVLO falling threshold voltage. This is non-latch
protection.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor power the
floating-power-MOSFET
driver.
A
dedicated
internal regulator charges and regulates the
bootstrap capacitor voltage to ~5V. When the
voltage between the BST and SW nodes drops
below regulation, a PMOS pass transistor
connected from VIN to BST turns on. The
charging current path is from VIN, BST and then
to SW. The external circuit should provide
enough voltage headroom to facilitate charging.
As long as VIN is significantly higher than SW, the
bootstrap capacitor remains charged. When the
HS-FET is ON, VIN≈VSW so the bootstrap
capacitor cannot charge.
When the LS-FET is ON, VIN−VSW reaches its
maximum for fast charging. When there is no
inductor current, VSW=VOUT so the difference
between VIN and VOUT can charge the bootstrap
capacitor.
At higher duty cycles, the bootstrap-charging
time is shorter so the bootstrap capacitor may not
charge sufficiently. In case the internal circuit has
insufficient voltage and time to charge the
bootstrap capacitor, the bootstrap capacitor
voltage will drop low. When VBST−VSW drops
below 2.3V, the HS-FET turns OFF. A UVLO
circuit allows the LS-FET to conduct and refresh
the charge on the bootstrap capacitor. Once
bootstrap capacitor voltage is charged, the HS-
FET can turn on again and the part resumes
normal switching. With this bootstrap refreshing
function, MPQ4470/4470A is able to work on the
low drop-out mode.
Thermal Shutdown
The MPQ4470/4470A uses thermal shutdown.
The junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typically 175°C), the
converter shuts off. This is a non-latched
protection. There is about 45°C hysteresis. Once
the junction temperature drops to about 130°C, it
initiates a SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com