Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 14 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6645 Datasheet HTML 10Page - Analog Devices AD6645 Datasheet HTML 11Page - Analog Devices AD6645 Datasheet HTML 12Page - Analog Devices AD6645 Datasheet HTML 13Page - Analog Devices AD6645 Datasheet HTML 14Page - Analog Devices AD6645 Datasheet HTML 15Page - Analog Devices AD6645 Datasheet HTML 16Page - Analog Devices AD6645 Datasheet HTML 17Page - Analog Devices AD6645 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD6645
Rev. D | Page 14 of 24
EQUIVALENT CIRCUITS
BUF
T/H
BUF
BUF
T/H
500Ω
AIN
AIN
500Ω
VREF
AVCC
VCH
VCL
VCH AVCC
VCL
Figure 32. Analog Input Stage
LOADS
LOADS
10kΩ
10kΩ
10kΩ
10kΩ
ENCODE
ENCODE
AVCC
AVCC
AVCC
AVCC
Figure 33. Encode Inputs
C1, C2
AVCC
AVCC
AVCC
VREF
CURRENT
MIRROR
Figure 34. Compensation Pin, C1 or C2
DVCC
CURRENT
MIRROR
D0 TO D13,
OVR, DRY
DVCC
VREF
CURRENT
MIRROR
Figure 35. Digital Output Stage
2.4V
AVCC
AVCC
VREF
100µA
Figure 36. 2.4 V Reference
10kΩ
DMID
10kΩ
DVCC
Figure 37. DMID Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com