Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 20 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6645 Datasheet HTML 16Page - Analog Devices AD6645 Datasheet HTML 17Page - Analog Devices AD6645 Datasheet HTML 18Page - Analog Devices AD6645 Datasheet HTML 19Page - Analog Devices AD6645 Datasheet HTML 20Page - Analog Devices AD6645 Datasheet HTML 21Page - Analog Devices AD6645 Datasheet HTML 22Page - Analog Devices AD6645 Datasheet HTML 23Page - Analog Devices AD6645 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD6645
Rev. D | Page 20 of 24
Table 9. AD6645/PCB Bill of Materials
Quantity
80 MSPS
Quantity
105 MSPS
Reference ID
Description
Manufacturer
Supplier Part No.
1
1
PCB
Printed circuit board, AD6645
engineering evaluation board
PCSM
6645EE01D REV D
4
4
C1, C2, C31, C38
Capacitor, tantalum, SMT
BCAPTAJC, 10 μF, 16 V, 10%
Kemet
T491C106K016AS
8
8
C3, C7 to C10, C16,
C301, C32
Capacitor, ceramic, SMT 0508,
0.1 μF, 16 V, 10%
Presidio Components
0508X7R104K16VP3
9
9
C4, C15, C22 to
C26, C29, (C33)2, 3,
(C34)2, 3, C39
Capacitor, ceramic, SMT 0805,
0.1 μF, 25 V, 10%
Panasonic
ECJ-2VB1E104K
0
0
(C5, C6)2, 3
Capacitor, ceramic, SMT 0805,
0.01 μF, 50 V, 10%
Panasonic
ECJ-2YB1H103K
10
10
C11 to C14,
C17 to C21, C40
Capacitor, ceramic, SMT 0508,
0.01 μF, 50 V, 0.2%
Presidio Components
0508X7R103M2P3
0
0
(C27, C28)2
Capacitor, ceramic, SMT 0805, limits
amp bandwidth as warranted
1
1
CR13
Diode, dual Schottky HSMS2812,
SOT-23, 30 V, 20 mA
Panasonic
MA716-(TX)
1
1
E1
Install jumper wire (across OPT_LAT
and BUFLAT)
5
5
F1 to F5
EMI suppression ferrite chip, SMT 0805
Steward
HZ0805E601R-00
1
1
J1
Header, 6-pin, pin strip, 5 mm pitch
Wieland
Z5.530.0625.0
1
1
J1
Pin strip, 6-pin, 5 mm pitch
Wieland
25.602.2653.0
1
1
J2
Header, 40-pin, male, right angle
Samtec
TSW-120-08-T-D-RA
2
2
(J3)2, J4, J5
Connector, gold, female, coax., SMA,
vertical
Johnson Components
142-0701-201
1
1
L1
Inductor, SMT, 1008-ct package, 4.7 nH
Coilcraft
1008CT-040X-J
0
0
(R1)2, 3
Resistor, thick film, SMT 0402, 100 Ω,
1/16 W, 1%
Panasonic
ERJ-2RKF1000
0
0
(R2)2
Resistor, thick film, SMT 1206, 60.4 Ω,
1/4 W, 1%
Panasonic
ERJ-8ENF60R4V
2
2
(R3 to R5)1,2, (R8)1,2,
R9, R10
Resistor, thick film, SMT 0805, 500 Ω,
1/8 W, 1%
Panasonic
ERJ-6ENF4990V
2
2
R6, R7
Resistor, thick film, SMT 0805, 25.5 Ω,
1/8 W, 1%
Panasonic
ERJ-6ENF25R5V
0
0
(R11)2, 3, (R13)2, 3
Resistor, thick film, SMT 0805, 66.5 Ω,
1/8 W, 1%
Panasonic
ERJ-6ENF66R5V
0
0
(R12)2, 3, (R14)2, 3
Resistor, thick film, SMT 0805, 100 Ω,
1/8W, 1%
Panasonic
ERJ-6ENF1000V
1
1
R151
Resistor, thick film, SMT 0402, 178 Ω,
1/16 W, 1%
Panasonic
ERJ-2RKF1780X
1
1
R35
Resistor, thick film, SMT 0805, 49.9 Ω,
1/8 W, 1%
Panasonic
ERJ-6ENF49R9V
4
4
RN1 to RN4
Resistor array, SMT 0402; 100 Ω;
8 ISO RES.,1/4 W; 5%
Panasonic
EXB2HV101JV
2
2
T23, T31
Transformer, ADT4-1WT, CD542,
2 MHz to 775 MHz
Mini-Circuits
ADT4-1WT
1
0
U1
IC, 14-bit, 80 MSPS ADC
Analog Devices
AD6645ASQ/ASV-80
0
1
U1
IC, 14-bit, 105 MSPS ADC
Analog Devices
AD6645ASQ/ASV-105
2
2
U2, U7
IC, SOIC-20, Octal D-type flip-flop
Fairchild
74LCX574WM
0
0
(U3)1, 2
IC, SOIC-8, low distortion differential
ADC driver
Analog Devices
AD8138AR
2
2
U4, U6
IC, SOT-23, tiny logic UHS 2 input
OR gate
Fairchild
NC7SZ32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com