Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6645 Datasheet HTML 16Page - Analog Devices AD6645 Datasheet HTML 17Page - Analog Devices AD6645 Datasheet HTML 18Page - Analog Devices AD6645 Datasheet HTML 19Page - Analog Devices AD6645 Datasheet HTML 20Page - Analog Devices AD6645 Datasheet HTML 21Page - Analog Devices AD6645 Datasheet HTML 22Page - Analog Devices AD6645 Datasheet HTML 23Page - Analog Devices AD6645 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD6645
Rev. D | Page 24 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BCC-HD
0.65
BSC
LEAD PITCH
0.38
0.32
0.22
EXPOSED
HEAT SINK
(CENTERED)
BOTTOM VIEW
(PINS UP)
1.60
MAX
VIEW A
PIN 1
0.75
0.60
0.45
40
52
40
52
14
13
26
14
26
27
39
27
39
TOP VIEW
(PINS DOWN)
1
13
1
0.20
0.08
1.45
1.40
1.35
0.10 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
0°
0.15
0.05
12.20
12.00 SQ
11.80
10.20
10.00 SQ
9.80
2.65
2.50 (4 PLCS)
2.35
2.35
2.20 (4 PLCS)
2.05
6.05
5.90 SQ
5.75
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 48. 52-Lead Low Profile Quad Flat Package, PowerQuad [LQFP_PQ4]
(SQ-52-1)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MS-026-ACC
40
52
1
14
13
26
27
39
12.00 BSC
SQ
10.00
BSC SQ
1.20
MAX
0.75
0.60
0.45
VIEW A
TOP VIEW
(PINS DOWN)
PIN 1
40
52
14
1
13
26
27
39
0.65
BSC
LEAD PITCH
0.38
0.32
0.22
BOTTOM VIEW
(PINS UP)
6.50 BSC
SQ
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
SEATING
PLANE
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
0° MIN
7°
3.5°
0°
0.15
0.05
Figure 49. 52-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
(SV-52-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD6645ASQ-80
−40°C to +85°C
52-Lead Low Profile Quad Flat Package, PowerQuad (LQFP_PQ4)
SQ-52-1
AD6645ASQZ-801
−40°C to +85°C
52-Lead Low Profile Quad Flat Package, PowerQuad (LQFP_PQ4)
SQ-52-1
AD6645ASVZ-801
−40°C to +85°C
52-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-52-1
AD6645ASQ-105
−10°C to +85°C
52-Lead Low Profile Quad Flat Package, PowerQuad (LQFP_PQ4)
SQ-52-1
AD6645ASQZ-1051
−10°C to +85°C
52-Lead Low Profile Quad Flat Package, PowerQuad (LQFP_PQ4)
SQ-52-1
AD6645ASVZ-1051
−10°C to +85°C
52-Lead Thin Quad Flat Package, Exposed Pad [TQFP_EP]
SV-52-1
AD6645-80/PCBZ1
Evaluation Board
AD6645-105/PCBZ1
Evaluation Board
1 Z = RoHS Compliant Part.
©2002–2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02647-0-10/08(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com