Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 15 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6645 Datasheet HTML 11Page - Analog Devices AD6645 Datasheet HTML 12Page - Analog Devices AD6645 Datasheet HTML 13Page - Analog Devices AD6645 Datasheet HTML 14Page - Analog Devices AD6645 Datasheet HTML 15Page - Analog Devices AD6645 Datasheet HTML 16Page - Analog Devices AD6645 Datasheet HTML 17Page - Analog Devices AD6645 Datasheet HTML 18Page - Analog Devices AD6645 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD6645
Rev. D | Page 15 of 24
TERMINOLOGY
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
Aperture Delay
The delay between the 50% point of the rising edge of the
encode command and the instant at which the analog input is
sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Differential Analog Input Resistance, Differential Analog
Input Capacitance, and Differential Analog Input Impedance
The real and complex impedances measured at each analog
input port. The resistance is measured statically and the
capacitance and differential input impedances are measured
with a network analyzer.
Differential Analog Input Voltage Range
The peak-to-peak differential voltage that must be applied to
the converter to generate a full-scale response. The peak differential
voltage is computed by observing the voltage on a single pin and
subtracting the voltage from the other pin, which is 180° out of
phase. The peak-to-peak differential is computed by rotating the
inputs’ phase 180°and taking the peak measurement again. The
difference is then computed between both peak measurements.
Differential Nonlinearity
The deviation of any code width from an ideal 1 LSB step.
Encode Pulse Width/Duty Cycle
Pulse width high is the minimum amount of time that the
encode pulse should be left in a high state to achieve rated
performance; pulse width low is the minimum time that
the encode pulse should be left in a low state. See timing
implications of changing tENCH in Table 4. At a given clock rate,
these specifications define an acceptable encode duty cycle.
Full-Scale Input Power
The full-scale input power is expressed in dBm and can be
calculated by using the following equation:
⎥
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎢
⎣
⎡
−
=
−
001
.
0
2
log
10
Input
Z
rms
Scale
Full
V
Scale
Full
Power
Harmonic Distortion, Second
The ratio of the rms signal amplitude to the rms value of the
second harmonic component, reported in dBc.
Harmonic Distortion, Third
The ratio of the rms signal amplitude to the rms value of the
third harmonic component, reported in dBc.
Integral Nonlinearity
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a best straight line
determined by a least square curve fit.
Maximum Conversion Rate
The encode rate at which parametric testing is performed.
Minimum Conversion Rate
The encode rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed limit.
Noise (for Any Range Within the ADC)
⎟
⎠
⎞
⎜
⎝
⎛
−
−
×
×
=
10
10
001
.
0
dBFS
dBc
dBm
NOISE
Signal
SNR
FS
Z
V
where:
Z is the input impedance.
FS is the full scale of the device for the frequency in question.
SNR is the value for the particular input level.
Signal is the signal level within the ADC reported in dB below
full scale. This value includes both thermal noise and quantiza-
tion noise.
Output Propagation Delay
The delay between a differential crossing of ENCODE and
ENCODE and the time when all output data bits are within
valid logic levels.
Power Supply Rejection Ratio (PSSR)
The ratio of a change in input offset voltage to a change in
power supply voltage.
Power Supply Rise Time
The time from when the dc supply is initiated until the supply
output reaches the minimum specified operating voltage for the
ADC. The dc level is measured at the supply pin(s) of the ADC.
Signal-to-Noise-and-Distortion (SINAD)
The ratio of the rms signal amplitude (set at 1 dB below full scale)
to the rms value of the sum of all other spectral components,
including harmonics, but excluding dc.
Signal-to-Noise Ratio (Without Harmonics)
The ratio of the rms signal amplitude (set at 1 dB below full scale)
to the rms value of the sum of all other spectral components,
excluding the first five harmonics and dc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com