Electronic Components Datasheet Search
  English  ▼

X  

AM28F512 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM28F512
Description  512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F512 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM28F512 Datasheet HTML 1Page - Advanced Micro Devices AM28F512 Datasheet HTML 2Page - Advanced Micro Devices AM28F512 Datasheet HTML 3Page - Advanced Micro Devices AM28F512 Datasheet HTML 4Page - Advanced Micro Devices AM28F512 Datasheet HTML 5Page - Advanced Micro Devices AM28F512 Datasheet HTML 6Page - Advanced Micro Devices AM28F512 Datasheet HTML 7Page - Advanced Micro Devices AM28F512 Datasheet HTML 8Page - Advanced Micro Devices AM28F512 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
Am28F512
CONNECTION DIAGRAMS (continued)
32-Pin — Standard Pinout
32-Pin — Reverse Pinout
LOGIC SYMBOL
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A11
A9
A8
A13
A14
NC
WE#
VCC
VPP
NC
A15
A12
A7
A6
A5
A4
OE#
A10
CE#
D7
D6
D5
D4
D3
VSS
D2
D1
D0
A0
A1
A2
A3
A11
A9
A8
A13
A14
NC
WE#
VCC
VPP
NC
A15
A12
A7
A6
A5
A4
OE#
A10
CE#
D7
D6
D5
D4
D3
VSS
D2
D1
D0
A0
A1
A2
A3
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
11561G-4
16
8
A0–A15
CE# (E#)
OE# (G#)
WE# (W#)
11561G-5
DQ0–DQ7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com