Electronic Components Datasheet Search
  English  ▼

X  

AM28F512 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM28F512
Description  512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F512 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM28F512 Datasheet HTML 2Page - Advanced Micro Devices AM28F512 Datasheet HTML 3Page - Advanced Micro Devices AM28F512 Datasheet HTML 4Page - Advanced Micro Devices AM28F512 Datasheet HTML 5Page - Advanced Micro Devices AM28F512 Datasheet HTML 6Page - Advanced Micro Devices AM28F512 Datasheet HTML 7Page - Advanced Micro Devices AM28F512 Datasheet HTML 8Page - Advanced Micro Devices AM28F512 Datasheet HTML 9Page - Advanced Micro Devices AM28F512 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
Am28F512
PIN DESCRIPTION
A0–A15
Address Inputs for memory locations. Internal latches
hold addresses during write cycles.
CE# (E#)
Chip Enable active low input activates the chip’s control
logic and input buffers. Chip Enable high will deselect
the device and operates the chip in stand-by mode.
DQ0–DQ7
Data Inputs during memory write cycles. Internal
latches hold data during write cycles. Data Outputs
during memory read cycles.
NC
No Connect-corresponding pin is not connected inter-
nally to the die.
OE# (G#)
Output Enable active low input gates the outputs of the
device through the data buffers during memory read
cycles. Output Enable is high during command se-
quencing and program/erase operations.
VCC
Power supply for device operation. (5.0 V
± 5% or 10%)
VPP
Program voltage input. VPP must be at high voltage in
order to write to the command register. The command
register controls all functions required to alter the mem-
ory array contents. Memory contents cannot be altered
when VPP ≤ VCC +2 V.
VSS
Ground
WE# (W#)
Write Enable active low input controls the write function
of the command register to the memory array. The tar-
get address is latched on the falling edge of the Write
Enable pulse and the appropriate data is latched on the
rising edge of the pulse. Write Enable high inhibits writ-
ing to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com