Electronic Components Datasheet Search
  English  ▼

X  

AM28F512 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM28F512
Description  512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F512 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM28F512 Datasheet HTML 1Page - Advanced Micro Devices AM28F512 Datasheet HTML 2Page - Advanced Micro Devices AM28F512 Datasheet HTML 3Page - Advanced Micro Devices AM28F512 Datasheet HTML 4Page - Advanced Micro Devices AM28F512 Datasheet HTML 5Page - Advanced Micro Devices AM28F512 Datasheet HTML 6Page - Advanced Micro Devices AM28F512 Datasheet HTML 7Page - Advanced Micro Devices AM28F512 Datasheet HTML 8Page - Advanced Micro Devices AM28F512 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
FINAL
Publication# 11561
Rev: G Amendment/+2
Issue Date: January 1998
Am28F512
512 Kilobit (64 K x 8-Bit)
CMOS 12.0 Volt, Bulk Erase Flash Memory
DISTINCTIVE CHARACTERISTICS
s High performance
— 70 ns maximum access time
s CMOS Low power consumption
— 30 mA maximum active current
— 100 µA maximum standby current
— No data retention power consumption
s Compatible with JEDEC-standard byte-wide
32-Pin EPROM pinouts
— 32-pin PDIP
— 32-pin PLCC
— 32-pin TSOP
s 10,000 write/erase cycles minimum
s Write and erase voltage 12.0 V
±5%
s Latch-up protected to 100 mA
from -1 V to VCC +1 V
s Flasherase Electrical Bulk Chip-Erase
— One second typical chip-erase
s Flashrite Programming
— 10 µs typical byte-program
— One second typical chip program
s Command register architecture for
microprocessor/microcontroller compatible
write interface
s On-chip address and data latches
s Advanced CMOS flash memory technology
— Low cost single transistor memory cell
s Automatic write/erase pulse stop timer
GENERAL DESCRIPTION
The Am28F512 is a 512 K bit Flash memory orga-
nized as 64 Kbytes of 8 bits each. AMD’s Flash mem-
ories offer the most cost-effective and reliable read/
write n on -vo latile ran dom ac cess memor y. The
Am28F512 is packaged in 32-pin PDIP, PLCC, and
TSOP versions. It is designed to be reprogrammed
and erased in-system or in standard EPROM pro-
grammers. The Am28F512 is erased when shipped
from the factory.
The standard Am28F512 offers access times as fast as
70 ns, allowing operation of high-speed microproces-
sors without wait states. To eliminate bus contention,
the Am28F512 has separate chip enable (CE#) and
output enable (OE#) controls.
AMD’s Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
Am28F512 uses a command register to manage this
functionality, while maintaining a standard JEDEC
Flash Standard 32-pin pinout. The command register
allows for 100% TTL level control inputs and fixed
power supply levels during erase and programming.
AMD’s Flash technology reliably stores memory con-
tents even after 10,000 erase and program cycles. The
AMD cell is designed to optimize the erase and pro-
gramming mechanisms. In addition, the combination of
advanced tunnel oxide processing and low internal
electric fields for erase and programming operations
produces reliable cycling. The Am28F512 uses a
12.0 V ± 5% VPP high voltage input to perform the
Flasherase and Flashrite algorithms.
The highest degree of latch-up protection is achieved
with AMD’s proprietary non-epi process. Latch-up pro-
tection is provided for stresses up to 100 mA on ad-
dress and data pins from -1 V to VCC +1 V.
The Am28F512 is byte programmable using 10 ms pro-
gramming pulses in accordance with AMD’s Flashrite
programming algorithm. The typical room temperature
programming time of the Am28F512 is one second.
The entire chip is bulk erased using 10 ms erase pulses
according to AMD’s Flasherase algorithm. Typical era-
sure at room temperature is accomplished in less than
one second. The windowed package and the 15-20
minutes required for EPROM erasure using ultra-violet
light are eliminated.
Commands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as inputs to an internal state-machine which
controls the erase and programming circuitry. During


Similar Part No. - AM28F512

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A-120EC AMD-AM28F512A-120EC Datasheet
463Kb / 34P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A-120ECB AMD-AM28F512A-120ECB Datasheet
463Kb / 34P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A-120EE AMD-AM28F512A-120EE Datasheet
463Kb / 34P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A-120EEB AMD-AM28F512A-120EEB Datasheet
463Kb / 34P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
More results

Similar Description - AM28F512

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256 AMD-AM28F256 Datasheet
493Kb / 35P
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com