Electronic Components Datasheet Search
  English  ▼

X  

AD9549 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9549 Datasheet HTML 38Page - Analog Devices AD9549 Datasheet HTML 39Page - Analog Devices AD9549 Datasheet HTML 40Page - Analog Devices AD9549 Datasheet HTML 41Page - Analog Devices AD9549 Datasheet HTML 42Page - Analog Devices AD9549 Datasheet HTML 43Page - Analog Devices AD9549 Datasheet HTML 44Page - Analog Devices AD9549 Datasheet HTML 45Page - Analog Devices AD9549 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
AD9549
Rev. D | Page 42 of 76
POWER-UP
POWER-ON RESET
On initial power-up, it is recommended that the user apply a
RESET pulse, at least 75 ns in duration, on Pin 59 after both of
the following two conditions are met:
•
The 3.3 V supply is greater than 2.35 V ± 0.1 V.
•
The 1.8 V supply is greater than 1.4 V ± 0.05 V.
The high-to-low transition of the RESET pulse is the active
edge of the pulse and therefore the user is afforded the option
of holding RESET high during power–up.
Less than 1 ns after RESET goes high, the S1 to S4 configuration
pins go high impedance and remain high impedance until RESET
is deactivated. This allows strapping and configuration during
RESET.
Because of this reset sequence, external power supply sequenc-
ing is not critical.
PROGRAMMING SEQUENCE
The following sequence should be used when initializing the
AD9549:
1. Apply power. After the power supplies reach a threshold and
stabilize, it is recommended that an active high pulse be
asserted on the RESET pin (Pin 59), initiating a hard reset.
2. It is important to be sure that the desired configuration
registers have single-tone mode set (Register 0x0100, Bit 5)
and that the close loop bit (Register 0x0100[0]) is cleared.
If the close loop bit is set on initial loading, the AD9549
attempts to lock the loop before it has been configured.
3. When the registered are loaded, the OOL (out of limits)
and LOR (loss of reference) can be monitored to ensure
that a valid reference signal is present on REFA or REFB.
If a valid reference is present, Register 0x0100 can be
reprogrammed to clear single-tone mode and lock the loop.
4. Automatic holdover mode can then be used to make the
AD9549 immune to any disturbance on the reference inputs.
Use the following sequence when changing frequencies in the
AD9549:
1. Open the loop and enter single-tone mode via
Register 0x0100.
2. Enter the new register settings.
3. Write 0x1E to Register 0x0012.
4. When the registers are loaded, the OOL (out of limits) and
LOR (loss of reference) can be monitored to ensure that
a valid reference signal is present on REFA or REFB.
5. If a valid reference is present, Register 0x0100 can be repro-
grammed to clear single-tone mode and lock the loop.
6. Automatic holdover mode can then be used to make the
AD9549 immune to any disturbance on the reference
inputs.
Note the following:
•
Attempting to lock the loop without a valid reference can
put the AD9549 into a state that requires a reset, or at a
minimum, writing 0xFF to Register 0x0012.
•
Automatic holdover mode is not available unless the loop
has been successfully closed.
•
If the user desires to open and close the loop manually, it is
recommended that 0x1E to be written to Register 0x0012
prior to closing the loop again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com