Electronic Components Datasheet Search
  English  ▼

X  

AD9549 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9549 Datasheet HTML 55Page - Analog Devices AD9549 Datasheet HTML 56Page - Analog Devices AD9549 Datasheet HTML 57Page - Analog Devices AD9549 Datasheet HTML 58Page - Analog Devices AD9549 Datasheet HTML 59Page - Analog Devices AD9549 Datasheet HTML 60Page - Analog Devices AD9549 Datasheet HTML 61Page - Analog Devices AD9549 Datasheet HTML 62Page - Analog Devices AD9549 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
AD9549
Rev. D | Page 59 of 76
Register 0x011B—FTW Lower Limit
Table 47.
Bits
Bit Name
Description
[7:0]
FTW lower limit
Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass
reconstruction filter is used. See the Output Frequency Range Control section.
Register 0x011C—FTW Lower Limit (Continued)
Table 48.
Bits
Bit Name
Description
[15:8]
FTW lower limit
Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass
reconstruction filter is used. See the Output Frequency Range Control section.
Register 0x011D—FTW Lower Limit (Continued)
Table 49.
Bits
Bit Name
Description
[23:16]
FTW lower limit
Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass
reconstruction filter is used. See the Output Frequency Range Control section.
Register 0x011E—FTW Lower Limit (Continued)
Table 50.
Bits
Bit Name
Description
[31:24]
FTW lower limit
Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass
reconstruction filter is used. See the Output Frequency Range Control section.
Register 0x011F—FTW Lower Limit (Continued)
Table 51.
Bits
Bit Name
Description
[39:32]
FTW lower limit
Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass
reconstruction filter is used. See the Output Frequency Range Control section.
Register 0x0120—FTW Lower Limit (Continued)
Table 52.
Bits
Bit Name
Description
[47:40]
FTW lower limit
Lowest DDS tuning word in closed-loop mode. This feature is recommended when a band-pass
reconstruction filter is used. See the Output Frequency Range Control section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com