Electronic Components Datasheet Search
  English  ▼

X  

AD9549 Datasheet(PDF) 50 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9549 Datasheet HTML 46Page - Analog Devices AD9549 Datasheet HTML 47Page - Analog Devices AD9549 Datasheet HTML 48Page - Analog Devices AD9549 Datasheet HTML 49Page - Analog Devices AD9549 Datasheet HTML 50Page - Analog Devices AD9549 Datasheet HTML 51Page - Analog Devices AD9549 Datasheet HTML 52Page - Analog Devices AD9549 Datasheet HTML 53Page - Analog Devices AD9549 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
AD9549
Rev. D | Page 50 of 76
Addr
(Hex)
Type1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
BIt 2
Bit 1
Bit 0
Default
(Hex)
0x01A6
M
FTW0
(open-loop
frequency
tuning
word)
FTW0, Bits[47:0]
LSB: Register 0x01A6
0x00
0x01A7
M
0x00
0x01A8
M
0x00
0x01A9
M
0x00
0x01AA
M
Startup
cond.
0x01AB
M
Startup
cond.
0x01AC
and
0x01AD
M
Phase
(open loop
only)
DDS phase word, Bits[15:0]
0x00
Reference selector/holdover
0x01C0
M
Automatic
control
Holdover
mode
Reserved
Automatic
selector
Automatic
recover
Automatic
holdover
0x00
0x01C1
M
Override
Enable
line card
mode
Enable
ref input
override
REF_AB
Enable
holdover
override
Holdover
on/off
0x00
0x01C2
Averaging
window
FTW windowed average size, Bits[3:0]
0x00
0x01C3
Reference
validation
Reserved
Validation timer, Bits[4:0]
0x00
Doubler and output drivers
0x0200
HSTL
driver
OPOL
(polarity)
Reserved
HSTL output doubler,
Bits[1:0]
0x05
0x0201
CMOS
driver
CMOS mux
0x00
Monitor
0x0300
RO
Status
Reserved
PFD freq.
too high
PFD freq.
too low
Freq. est.
done
Ref
selected
Free run
Ph. lock
detected
Freq. lock
detected
N/A
0x0301
RO
Reserved
REFA
valid
REFA
LOR
REFA OOL
REFB valid
REFB LOR
REFB OOL
N/A
0x0302
RO
IRQ status
PFD freq.
too high
PFD
freq. too
low
Freq. est.
done
Ref
selected
Free run
Phase lock
detected
Freq. lock
detected
0x00
0x0303
RO
REFA
valid
REFA
LOR
REFA OOL
REFB valid
REFB LOR
REFB OOL
0x00
0x0304
IRQ mask
Reserved
Ref
changed
Leave
free run
Enter
free run
0x00
0x0305
Freq. est.
done
Phase
unlock
Phase lock
Freq.
Unlock
Freq. lock
0x00
0x0306
Reserved
REFA
valid
!REFA
valid
REFA
LOR
!REFA LOR
REFA OOL
!REFA OOL
0x00
0x0307
Reserved
REFB
valid
!REFB
valid
REFB
LOR
!REFB LOR
REFB OOL
!REFB OOL
0x00
0x0308
S1 pin
config
REF?
REF? LOR
REF?
OOL
REF? not
valid
Phase
lock
Freq. lock
Reserved
IRQ
0x60
0x0309
S2 pin
config
REF?
REF? LOR
REF?
OOL
REF? not
valid
Phase
lock
Freq. lock
Reserved
IRQ
0xE0
0x030A
S3 pin
config
REF?
REF? LOR
REF?
OOL
REF? not
valid
Phase
lock
Freq. lock
Reserved
IRQ
0x08
0x030B
S4 pin
config
REF?
REF? LOR
REF?
OOL
REF? not
valid
Phase
lock
Freq. lock
Reserved
IRQ
0x01
0x030C
Control
Enable
REFA LOR
Enable
REFA OOL
Enable
REFB
LOR
Enable
REFB OOL
Enable
phase
lock det.
Enable
frequency
lock det.
0xA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com