Electronic Components Datasheet Search
  English  ▼

X  

AD9549 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9549 Datasheet HTML 2Page - Analog Devices AD9549 Datasheet HTML 3Page - Analog Devices AD9549 Datasheet HTML 4Page - Analog Devices AD9549 Datasheet HTML 5Page - Analog Devices AD9549 Datasheet HTML 6Page - Analog Devices AD9549 Datasheet HTML 7Page - Analog Devices AD9549 Datasheet HTML 8Page - Analog Devices AD9549 Datasheet HTML 9Page - Analog Devices AD9549 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
AD9549
Rev. D | Page 6 of 76
AC SPECIFICATIONS
fS= 1 GHz, DAC RSET = 10 kΩ, power supply pins within the range specified in the DC Specifications section, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUTS
Pin 12, Pin 13, Pin 15, and Pin 16
Frequency Range (Sine Wave)
10
750
MHz
Minimum recommended slew rate: 40 V/μs
Frequency Range (CMOS)
0.008
50
MHz
Frequency Range (LVPECL)
0.008
725
MHz
Frequency Range (LVDS)
0.008
725
MHz
LVDS must be ac-coupled; lower frequency bound may
be higher, depending on the size of the decoupling
capacitor
Minimum Slew Rate
0.04
V/ns
Minimum Pulse Width High
620
ps
Minimum Pulse Width Low
620
ps
FDBK_IN INPUT
Pin 40, Pin 41
Input Frequency Range
10
400
MHz
Minimum Differential Input Level
225
mV p-p
−12 dBm into 50 Ω; must be ac-coupled
Minimum Slew Rate
40
V/μs
SYSTEM CLOCK INPUT
Pin 27, Pin 28
SYSCLK PLL Bypassed
Input Frequency Range
250
1000
MHz
Maximum fOUT is 0.4 × fSYSCLK
Duty Cycle
45
55
%
Minimum Differential Input Level
632
mV p-p
0 dBm into 50 Ω
SYSCLK PLL Enabled
VCO Frequency Range, Low Band
700
810
MHz
When in the range, use the low VCO band exclusively
VCO Frequency Range, Auto Band
810
900
MHz
When in the range, use the VCO Auto band select
VCO Frequency Range, High Band
900
1000
MHz
When in the range, use the high VCO band exclusively
Maximum Input Rate of System Clock PFD
200
MHz
Without SYSCLK PLL Doubler
Input Frequency Range
11
200
MHz
Multiplication Range
4
66
Integer multiples of 2, maximum PFD rate and system
clock frequency must be met
Minimum Differential Input Level
632
mV p-p
0 dBm into 50 Ω
With SYSCLK PLL Doubler
Input Frequency Range
6
100
MHz
Multiplication Range
8
132
Integer multiples of 8
Input Duty Cycle
50
%
Deviating from 50% duty cycle may adversely affect
spurious performance.
Minimum Differential Input Level
632
mV p-p
0 dBm into 50 Ω
Crystal Resonator with SYSCLK PLL Enabled
Crystal Resonator Frequency Range
10
50
MHz
AT cut, fundamental mode resonator
Maximum Crystal Motional Resistance
100
Ω
See the
SYSCLK Inputs section for recommendations
CLOCK DRIVERS
HSTL Output Driver
Frequency Range
20
725
MHz
See
Figure 12 for maximum toggle rate
Duty Cycle
48
52
%
Rise Time/Fall Time (20-80%)
115
165
ps
100 Ω termination across OUT/OUTB, 2 pF load
Jitter (12 kHz to 20 MHz)
1.0
ps
fIN = 19.44 MHz, fOUT = 155.52 MHz. 50 MHz system
clock input (see
Figure 3 to Figure 11 for test conditions)
HSTL Output Driver with 2× Multiplier
Frequency Range
400
725
MHz
Duty Cycle
45
55
%
Rise Time/Fall Time (20% to 80%)
115
165
ps
100 Ω termination across OUT/OUTB, 2 pF load
Subharmonic Spur Level
−35
dBc
Without correction
Jitter (12 kHz to 20 MHz)
1.1
ps
fIN = 19.44 MHz, fOUT = 622.08 MHz, 50 MHz system
clock input (see
Figure 3 to Figure 11 for test conditions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com