Electronic Components Datasheet Search
  English  ▼

X  

AD9860BSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9860BSTZ
Description  Mixed-Signal Front-End (MxFE) Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860BSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9860BSTZ Datasheet HTML 7Page - Analog Devices AD9860BSTZ Datasheet HTML 8Page - Analog Devices AD9860BSTZ Datasheet HTML 9Page - Analog Devices AD9860BSTZ Datasheet HTML 10Page - Analog Devices AD9860BSTZ Datasheet HTML 11Page - Analog Devices AD9860BSTZ Datasheet HTML 12Page - Analog Devices AD9860BSTZ Datasheet HTML 13Page - Analog Devices AD9860BSTZ Datasheet HTML 14Page - Analog Devices AD9860BSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
REV. 0
AD9860/AD9862
–11–
INPUT FREQUENCY – MHz
0
100
10
1000
–60
–65
–70
–75
–80
–85
–90
–50
–55
–95
–100
BUFFERED BYPASS
2V INPUT, 1
GAIN
BUFFERED 2V
INPUT, 1
GAIN
BUFFERED 1V
INPUT, 2
GAIN
BUFFERED BYPASS
1V INPUT, 2
GAIN
TPC 19. Rx THD vs. fIN,
FADC = 64 MSPS
INPUT FREQUENCY – MHz
0
100
–60
–65
–70
–75
–80
–85
–90
10
1000
–50
–55
–95
–100
BUFFERED BYPASS
1V INPUT, 2
GAIN
BUFFERED BYPASS
2V INPUT, 1
GAIN
BUFFERED 1V
INPUT, 2
GAIN
BUFFERED 2V
INPUT, 1
GAIN
TPC 22. Rx SFDR @ 64 MSPS
INPUT FREQUENCY – MHz
1
1
0
–1
–2
–3
–4
–5
–6
10
100
1000
NO BUFF 2V
1
BUFF 1V
2
BUFF 2V
1
TPC 25. Rx Input Attenuation
fIN – MHz
0
200
50
–75
–80
–85
–90
–70
150
250
100
–65
–60
–55
–50
300
AD9860 LOW POWER
MODE 1, BUFFER
ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
AD9862 LOW POWER
MODE 1, BUFFER
ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
AD9860 LOW POWER MODE 1,
BUFFER BYPASSED, 2V p-p INPUT,
1
RxPGA GAIN
AD9862 LOW POWER MODE 1,
BUFFER BYPASSED, 2V p-p INPUT,
1
RxPGA GAIN
TPC 20. Rx THD vs. fIN,
FADC = 32 MSPS
fIN – MHz
0
200
50
–75
–80
–85
–90
–70
150
250
100
–65
–60
–55
–50
300
–95
AD9862 LOW POWER MODE 1,
BUFFER BYPASSED, 2V p-p INPUT,
1
RxPGA GAIN
AD9860
LOW POWER
MODE 1,
BUFFER BYPASSED,
2V p-p INPUT,
1
RxPGA GAIN
AD9862 LOW POWER MODE 1,
BUFFER ENABLED, 1V p-p
INPUT, 2
RxPGA GAIN
AD9860
LOW POWER MODE 1,
BUFFER ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
TPC 23. Rx SFDR @ 32 MSPS
fIN – MHz
0
60
250
240
230
220
210
200
190
20
40
80
100
270
260
180
280
TPC 26. Rx Input Buffer
Impedance vs. fIN
fIN – MHz
0
200
50
–75
–80
–85
–90
–70
150
250
100
–65
–60
–55
–50
300
AD9860 LOW POWER
MODE 2, BUFFER
ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
AD9860 LOW POWER MODE 2,
BUFFER BYPASSED, 2Vp-p INPUT,
1
RxPGA GAIN
AD9862 LOW POWER MODE 2,
BUFFER BYPASSED, 2V p-p INPUT,
1
RxPGA GAIN
AD9862
LOW POWER
MODE 2,
BUFFER
ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
TPC 21. Rx THD vs. fIN,
FADC = 16 MSPS
fIN – MHz
0
200
50
–75
–80
–85
–90
–70
150
250
100
–65
–60
–55
–50
300
–95
AD9862 LOW POWER MODE 2,
BUFFER ENABLED, 1V p-p INPUT,
2
RxPGA GAIN
AD9860 LOW POWER MODE 2,
BUFFER BYPASSED, 1V p-p
INPUT, 2
RxPGA GAIN
AD9860
LOW POWER MODE 2,
BUFFER ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
AD9862 LOW POWER
MODE 2, BUFFER BYPASSED,
2V p-p INPUT, 1
RxPGA GAIN
TPC 24. Rx SFDR @ 16 MSPS
fADC – MSPS
040
10
300
200
100
0
400
30
50
20
500
600
700
800
70
NOMINAL
32MSPS LP MODE
16MSPS LP MODE
60
TPC 27. Rx Analog Power
Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com