Electronic Components Datasheet Search
  English  ▼

X  

AD9860BSTZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9860BSTZ
Description  Mixed-Signal Front-End (MxFE) Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860BSTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9860BSTZ Datasheet HTML 16Page - Analog Devices AD9860BSTZ Datasheet HTML 17Page - Analog Devices AD9860BSTZ Datasheet HTML 18Page - Analog Devices AD9860BSTZ Datasheet HTML 19Page - Analog Devices AD9860BSTZ Datasheet HTML 20Page - Analog Devices AD9860BSTZ Datasheet HTML 21Page - Analog Devices AD9860BSTZ Datasheet HTML 22Page - Analog Devices AD9860BSTZ Datasheet HTML 23Page - Analog Devices AD9860BSTZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
REV. 0
–20–
AD9860/AD9862
The second interpolation filter will provide an additional 2
inter-
polation for an overall 4
interpolation. The second filter is a
15 tap filter. It suppresses out-of-band signals by 60 dB or more.
The flat passband response (less than 0.1 dB attenuation) is 38%
of the Tx input data rate (9.5% of fDAC). The maximum input
data rate per channel is 32 MSPS per channel when using
4
interpolation.
The 2
and 4
Interpolation Filter Transfer function plots are
shown in Figure 4a and 4b, respectively.
NORMALIZED –
fS
10
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–100
0.1
–90
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INTERPOLATION
FILTER
INCLUDUNG SIN (X)/X
NORMALIZED –
fS
10
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–100
0.1
–90
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INTERPOLATION
FILTER
INCLUDUNG SIN (X)/X
Figure 4. Spectral Response of 2
Interpolation Filter
(top) and 4
Interpolation Filter (bottom)
Fine Modulation Stage
A digital fine modulation stage is available in the transmit path to
shift the complex Tx output spectrum using a 24-bit numerically
controlled oscillator (NCO). To utilize the Fine Modulation
Block, 4
interpolation is required. Therefore, the maximum
input date rate is 32 MSPS per channel, which generates a DAC
update rate, fDAC, of 128 MSPS. The NCO can tune up to 1/4 of
fDAC, providing a step resolution of fDAC/2
26. Since the Fine
Modulation Stage precedes the Interpolation Filters, care must
be taken to ensure the entire desired signal is placed within the
pass band of the Interpolation Filter.
By default, the Fine Modulation Block is bypassed. To enable it
to perform a complex mix of the Tx I and Q data, Register 2’s data
paths, Fine Mod and Fine, should be configured. The NCO
frequency tuning word is set in the three FTW registers.
Hilbert Filter
The Hilbert filter is available to provide a Hilbert transform of
“real” input data at a low intermediate frequency (IF) between
12.5% to 38% of the input data rate. The Hilbert filter essentially
transforms this “real,” single channel input data into a complex
representation (i.e., I and Q components) that can be used as
part of an image rejection architecture. The complex data can than
be processed further using the on-chip digital complex modulators.
The Hilbert filter requires 4
interpolation to be enabled and
accepts data at a maximum 32 MSPS. Figure 5 shows a spectral
plot of the Hilbert filter impulse response.
FREQUENCY – MHz
100
–20
80
60
40
20
0
–20
–40
–60
–80
–100
–15
–10
–5
0
5
10
15
20
Figure 5. Tx Hilbert Filter, Keeping Positive
Frequencies Spectral Plot
Latch/Demultiplexer
The AD9860/AD9862 Tx path accepts dual or single channel
data. The dual channel data can represent two independent real
signals or a complex signal. Various input data latching schemes
relative to one of the output clocks, CLKOUT1 or CLKOUT2,
are allowed, including using any combination of rising and falling
clock edges.
Associated Tx timing is discussed in detail in the Clock Overview
section of the data sheet.
TRANSMIT APPLICATIONS SECTION
The AD9860/AD9862 transmit path (Tx) includes two, high speed,
high performance, 12-/14-bit TxDACs. Figure 3 shows a detailed
block diagram of the transmit data path and can be referred to
throughout the explanation of the various modes of operation.
The various Tx modes of operation are broken into three parts,
determined by the format of the input data. They are:
1. Single Channel DAC Data
2. Two Independent Real Signal DAC Data (diversity or dual
channel
3. Dual Channel Complex DAC Data (I and Q or Single Sideband)
Single Channel DAC Data
In this mode, 12-/14-bit single channel Tx data is provided to
the AD9860/AD9862 and latched using either CLKOUT1 or
CLKOUT2 edges as defined in the Clock Overview section of
the data sheet. All Tx digital signal processing blocks can be
utilized to address reconstruction filtering at the DAC output
and aid in frequency tuning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com