Electronic Components Datasheet Search
  English  ▼

X  

AD9860BSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9860BSTZ
Description  Mixed-Signal Front-End (MxFE) Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860BSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9860BSTZ Datasheet HTML 24Page - Analog Devices AD9860BSTZ Datasheet HTML 25Page - Analog Devices AD9860BSTZ Datasheet HTML 26Page - Analog Devices AD9860BSTZ Datasheet HTML 27Page - Analog Devices AD9860BSTZ Datasheet HTML 28Page - Analog Devices AD9860BSTZ Datasheet HTML 29Page - Analog Devices AD9860BSTZ Datasheet HTML 30Page - Analog Devices AD9860BSTZ Datasheet HTML 31Page - Analog Devices AD9860BSTZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
REV. 0
–30–
AD9860/AD9862
The timing block diagrams in Figures 14 and 15 show how the
various clocks of the single and dual Tx path are affected by the
various register settings.
For dual Tx data, an option to redirect demultiplexed data to
either path is available. For example, the AD9860/AD9862 can
accept complex data in the form of I then Q data or Q then I data,
controlled through QI Order register.
For the dual Tx data cases, the Tx_SYNC pin input logic level
defines what data is currently on the Tx data bus. By default, when
Tx_SYNC is low, Channel A data (first of the set) should be on the
data bus. If TxSYNC is high, Channel B data (or the second of
the set) should be on the Tx bus. This can be reversed by setting
the Inv TxSYNC register.
ADDITIONAL FEATURES
In addition to the features mentioned above in the transmit,
receive and clock paths, the AD9860/AD9862 also integrates
components typically required in communication systems. These
components include auxiliary analog-to-digital converters (AUX
ADC), auxiliary digital-to-analog converters (AUX DAC), and
a sigma-delta output.
Auxiliary ADC
Two auxiliary 10-bit SAR ADCs are available for various external
signals throughout the system, such as a Receive Signal Strength
Indicator (RSSI) function or Temperature Indicator. The auxil-
iary ADCs can convert at rates up to 1.25 MSPS and have a
bandwidth of around 200 kHz. The two auxiliary ADCs (AUX
ADC A and AUX ADC B) have multiplexed inputs, so that up
to four system signals can be monitored.
00: B = A
01: B = 2
A
10: B = 4
A
00: C = B
01: C = B/2
10: C = B/4
00: D = C
01: D = 2
C
10: D = 4
C
ADC SAMPLE RATE
(NOT TO EXCEED 64MHz)
DLL OUTPUT RATE
(NOT TO EXCEED 128MHz)
CLKOUT2
INPUT Tx DATA RATE
(SINGLE CHANNEL)
TxDAC UPDATE RATE
SINGLE CHANNEL
(CANNOT EXCEED
DLL OUTPUT RATE)
CLKIN
AB
C
D
DLL MULT
CLKOUT2 DIV
INTERP
Figure 14. Single Tx Timing Block Diagram, Alternative Operation
00: B = A
01: B = 2
A
10: B = 4
A
00: C = B
01: C = B/2
10: C = B/4
00: F = G
01: F = 2
G
10: F = 4
G
CLKOUT2
INPUT
Tx DATA RATE
TxDAC UPDATE RATE
EACH CHANNEL
(CANNOT EXCEED
DLL OUTPUT RATE)
CLKIN
AB
EF
DLL MULT
CLKOUT2 DIV
INTERP
0: D = C
1: D = 2
C
C
2 EDGES
E = D/2
D
DUAL CHANNEL
FACTOR
ADC SAMPLE RATE
(NOT TO EXCEED 64MHz)
DLL OUTPUT RATE
(NOT TO EXCEED 128MHz)
INPUT Tx DATA RATE
EACH CHANNEL
Figure 15. Dual Tx Timing Block Diagram, Alternative Operation
The AUX ADC A multiplexer controls whether pin AUX_ADC_A1
or pin AUX_ADC_A2 is connected to the input of Auxiliary
ADC A. The multiplexer is programmed through Register D34
B1, SelectA. By default, the register is low, which connects the
AUX_ADC_A2 Pin to the input. Similarly, AUX ADC B has a
multiplexed input controlled by Register D34 B4, SelectB. The
default setting for SelectB is low, which connects the AUX_ADC_B2
input pin to AUX ADC B. If the SelectA or SelectB register bit
is set high, then the AUX_ADC_A1 Pin or the AUX_ADC_B1
pin is connected to the respective AUX ADC input.
An internal reference buffer provides a full-scale reference for
both of the auxiliary ADCs that is equal to the supply voltage for
the auxiliary ADCs. An external full-scale reference can be applied
to either or both of the AUX ADCs by setting the appropriate
bit(s), RefselB for the AUX ADC B and Refsel A for the AUX
ADC B in the Register Map. Setting either or both of these bits
high will disconnect the internal reference buffer and enable the
externally applied reference from the AUX_REF Pin to the
respective channel(s).
Timing for the auxiliary ADCs is generated from a divided down
Rx ADC clock. The divide down ratio is controlled by register
D35 B0, CLK/4 and is used to maintain a maximum clock rate of
20 MHz. By default, CLK/4 is set low dividing the Rx ADC clock
by 2; this is acceptable when running the Rx ADC at rate of
40 MHz or less. At Rx ADC rate greater than 40 MHz, the CLK/4
register bit should be set high and will divide the Rx ADC clock
by 4 to derive the auxiliary ADC Clock. The conversion time,
including setup, takes 16 clock cycles (16 Rx ADC clock cycles);
when CLK/4 is set low, divide by 2 mode, or 32 clock cycles
when CLK/4 is set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com