| Electronic Components Datasheet Search |
|
AD9860BSTZ Datasheet(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9860BSTZ Datasheet(HTML) 18 Page - Analog Devices |
|
18 / 32 page ![]() REV. 0 –18– AD9860/AD9862 Read Operation The read back of registers is a single data byte operation. The readback can be configured to use three pins or four pins and can be formatted as MSB first or LSB first. The instruction header is written to the device either MSB or LSB first (depending on the mode) followed by the 8-bit output data (appropriately MSB or LSB justified). By default, the output data is sent to the dedicated output pin (SDO). 3-wire operation can be configured by set- ting the SDIO BiDir register. In 3-wire mode, the SDIO pin will become an output pin after receiving the 8-bit instruction header with a read back request. Figure 2a shows an MSB first, 4-pin SPI read; Figure 2b shows an MSB first, 3-pin read; and Figure 2c shows an LSB first, 4-pin read. SYSTEM BLOCK DESCRIPTION The AD9860/AD9862 integrates transmit and receive paths with digital signal processing blocks and auxiliary features. The auxiliary SDIO SEN SCLK tS tDS tDH tLO tHI tCLK tH INSTRUCTION HEADER (REGISTER N) SDO SDIO SEN SCLK SDIO SEN SCLK SDO tDV DON’T CARE DON’T CARE DON’T CARE DON’T CARE DON’T CARE DON’T CARE R/nW 2/n1 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 OUTPUT REGISTER DATA tS tDS tDH tLO tHI tCLK tDV tH DON’T CARE DON’T CARE R/nW 2/n1 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 DON’T CARE DON’T CARE OUTPUT REGISTER DATA INSTRUCTION HEADER tS tDS tDH tLO tHI tCLK tDV tH DON’T CARE R/nW 2/n1 DON’T CARE DON’T CARE DON’T CARE DON’T CARE DON’T CARE A0 A1 A2 A3 A4 A5 D0 D1 D2 D3 D4 D5 D6 D7 OUTPUT REGISTER DATA INSTRUCTION HEADER Figure 2. SPI Read Examples a. (top) 4-Wire Interface, MSB first; b. (middle) 3-Wire Interface, MSB first; c. (bottom) 4-Wire Interface, LSB first features include two auxiliary ADCs, a programmable sigma-delta output, three auxiliary DACs, integrated clock circuitry to generate all internal clocks, and buffered output clocks from a single input reference. The AD9860/AD9862 system functionality is described in the following four sections: the Transmit Block, Receive Block, Timing Generation Block, and the Auxiliary Function Block. The following sections provide a brief description of the blocks and applications for the four sections. TRANSMIT SECTION COMPONENTS The transmit block (Tx) accepts and can process real or complex data. The Tx interface is configurable for a variety of data formats and has special processing options such as interpolation and Hilbert filters. A detailed block diagram of the AD9860/AD9862 transmit path is shown in Figure 3. The transmit block diagram is broken into these stages: DAC (Block A), Coarse Modulation (Block B), |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |