Electronic Components Datasheet Search
  English  ▼

X  

AD9860 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE) Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9860 Datasheet HTML 3Page - Analog Devices AD9860 Datasheet HTML 4Page - Analog Devices AD9860 Datasheet HTML 5Page - Analog Devices AD9860 Datasheet HTML 6Page - Analog Devices AD9860 Datasheet HTML 7Page - Analog Devices AD9860 Datasheet HTML 8Page - Analog Devices AD9860 Datasheet HTML 9Page - Analog Devices AD9860 Datasheet HTML 10Page - Analog Devices AD9860 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
REV. 0
AD9860/AD9862
–7–
Pin No.
Mnemonic
Function
Clock Pins
10
DLL_Lock
DLL Lock Indicator Pin
11, 16
AGND
DLL Analog Ground Pins
12
NC
No Connect
13
AVDD
DLL Analog Supply Pin
14
OSC1
Single Ended Input Clock
(or Crystal Oscillator Input)
15
OSC2
Crystal Oscillator Input
17
CLKSEL
Controls CLKOUT1 Rate
64
CLKOUT2
Clock Output Generated from Input
Clock (DLL Multiplier Setting
and CLKOUT2 Divide Factor)
65
CLKOUT1
Clock Output Generated from
Input Clock (1
if CLKSEL = 1
or /2 if CLKSEL = 0)
Various Pins
1
AUX_ADC_A1
Auxiliary ADC A Input 1
3, 4, 13
AVDD
Analog Power Pins
2, 9
AGND
Analog Ground Pins
5
SIGDELT
Digital Output from
Programmable Sigma-Delta
6
AUX_DAC_A
Auxiliary DAC A Output
7
AUX_DAC_B
Auxiliary DAC B Output
8
AUX_DAC_C
Auxiliary DAC C Output
33, 36, 53, DVDD
Digital Power Supply Pin
59, 61, 66,
93
34, 35, 52, DGND
Digital Ground Pin
58, 60, 67,
94
54
SCLK
Serial Bus Clock Input
55
SDO
Serial Bus Data Bit
56
SDIO
Serial Bus Data Bit
57
SEN
Serial Bus Enable
63
RESETB
Reset (SPI Registers and Logic)
95
AUX_SPI_do
Optional Auxiliary ADC Serial Bus
Data Out Bit
96
AUX_SPI_clk
Optional Auxiliary ADC Serial Bus
Data Out Latch Clock
97
AUX_SPI_csb
Optional Auxiliary ADC Serial Bus
Chip Select Bit
128
AUX_ADC_A2
Auxiliary ADC A Input 2
126
AUX_ADC_B1
Auxiliary ADC B Input 1
125
AUX_ADC_B2
Auxiliary ADC B Input 2
127
AUX_ADC_REF Auxiliary ADC Reference
Pin No.
Mnemonic
Function
Receive Pins
68/70–79
D0A to
10-/12-Bit ADC Output of
D9A/D11A
Receive Channel A
80/82–91
D0B to
10-/12-Bit ADC Output of
D9B/D11B
Receive Channel B
92
RxSYNC
Synchronization Clock for
Channel A and Channel B Rx Paths
98, 99,
AVDD
Analog Supply Pins
104, 105,
117, 118,
123, 124,
100, 103, AGND
Analog Ground Pins
106, 109,
110, 112,
113, 116,
119, 122,
101
REFT_B
Top Reference Decoupling for
Channel B ADC
102
REFB_B
Bottom Reference Decoupling
for Channel B ADC
107
VIN+B
Receive Channel B Differential (+) Input
108
VIN–B
Receive Channel B Differential ( ) Input
111
VREF
Internal ADC Voltage Reference
114
VIN–A
Receive Channel A Differential ( ) Input
115
VIN+A
Receive Channel A Differential (+) Input
120
REFB_A
Bottom Reference Decoupling for
Channel A ADC
121
REFT_A
Top Reference Decoupling for
Channel A ADC
Transmit Pins
18, 20
AVDD
Analog Supply Pins
23, 32
19, 24,
AGND
Analog Ground Pins
27, 28, 31
21
REFIO
Reference Output, 1.2 V Nominal
22
FSADJ
Full-Scale Current Adjust
25
IOUT–ATransmit Channel A DAC
Differential ( ) Output
26
IOUT+A
Transmit Channel A DAC
Differential (+) Output
29
IOUT+B
Transmit Channel B DAC
Differential (+) Output
30
IOUT–BTransmit Channel B DAC
Differential ( ) Output
37–48/50 Tx11/Tx13
12-/14-Bit Transmit DAC Data
to Tx0
(Interleaved Data when Required)
51
TxSYNC
Synchronization Input for Transmitter
62
MODE/
Configures Default Timing Mode,
TxBLANK
* Controls Tx Digital Power Down
*The logic level of the Mode/TxBLANK pin at power up defines the default timing
mode; a logic low configures Normal Operation, logic high configures Alternate
Operation Mode.
PIN FUNCTION DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com