Electronic Components Datasheet Search
  English  ▼

X  

AD9860 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE) Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 2 Page - Analog Devices

  AD9860 Datasheet HTML 1Page - Analog Devices AD9860 Datasheet HTML 2Page - Analog Devices AD9860 Datasheet HTML 3Page - Analog Devices AD9860 Datasheet HTML 4Page - Analog Devices AD9860 Datasheet HTML 5Page - Analog Devices AD9860 Datasheet HTML 6Page - Analog Devices AD9860 Datasheet HTML 7Page - Analog Devices AD9860 Datasheet HTML 8Page - Analog Devices AD9860 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
REV. 0
–2–
AD9860/AD9862–SPECIFICATIONS
(VA = 3.3 V
5%, VD = 3.3 V
10%, fDAC = 128 MHz, fADC = 64 MHz
Normal Timing Mode, 2
DLL Setting, RSET = 4 k , 50
DAC Load,
RxPGA = +6 dB Gain, TxPGA = +20 dB Gain.)
Test
AD9860/AD9862
Tx PARAMETERS
Temp
Level
Min
Typ
Max
Unit
12-/14-BIT DAC CHARACTERISTICS
Resolution
NA
NA
12/14
Bits
Maximum Update Rate
128
MSPS
Full-Scale Output Current
Full
I
2
20
mA
Gain Error (Using Internal Reference)
25ºCI
–5.5
+0.5
+5.5
%FS
Offset Error
25ºCI
–1
0.0
+1
%FS
Reference Voltage (REFIO Level)
25ºCI
1.15
1.22
1.28
V
Negative Differential Nonlinearity (–DNL)
25ºC
III
–0.5/–0.5
LSB
Positive Differential Nonlinearity (+DNL)
25ºC
III
1/2
LSB
Integral Nonlinearity (INL)
25ºC
III
±1/±3
LSB
Output Capacitance
25ºC
III
5
pF
Phase Noise @ 1 kHz Offset, 6 MHz Tone
Crystal and OSC IN Multiplier Enabled at 4
25ºC
III
–115
dBc/Hz
Output Voltage Compliance Range
Full
II
–0.5
+1.5
V
TRANSMIT TxPGA CHARACTERISTICS
Gain Range
25ºC
III
20
dB
Step Size Accuracy
25ºC
III
±0.1
dB
Step Size
25ºC
III
0.08
dB
Tx DIGITAL FILTER CHARACTERISTICS
Hilbert Filter Pass Band (<0.1 dB Ripple)
Full
II
12.5
38
% fDATA
1
2 /4
Interpolator Stop Band
2
Full
II
±38
% fDATA
DYNAMIC PERFORMANCE (AOUT = 20 mA FS, f = 1 MHz)
Differential Phase
25ºC
III
<0.1
Degree
Differential Gain
25ºC
III
<1
LSB
AD9860 Signal-to-Noise Ratio (SNR)
Full
I
68.2
70.7
dB
AD9860 Signal-to-Noise and Distortion Ratio
Full
I
62.5
66.1
dB
AD9860 Total Harmonic Distortion (THD)
Full
I
–74.5
–64.0
dB
AD9860 Wideband SFDR (to Nyquist)
1 MHz Analog Out, IOUT = 2 mA
25ºC
III
70.6
dBc
1 MHz Analog Out, IOUT = 20 mA
25ºCI
64.4
75
dBc
6 MHz Analog Out, IOUT = 20 mA
25ºC
III
75
dBc
AD9860 Narrowband SFDR (1 MHz Window)
1 MHz Analog Out, IOUT = 2 mA
25ºC
III
70.2
dBc
1 MHz Analog Out, IOUT = 20 mA
25ºCI
83
90
dBc
AD9862 Signal-to-Noise Ratio (SNR)
Full
I
68.9
72.0
dB
AD9862 Signal-to-Noise and Distortion Ratio
Full
I
64.75
69.8
dB
AD9862 Total Harmonic Distortion (THD)
Full
I
–75.5
–65.0
dB
AD9862 Wideband SFDR (to Nyquist)
1 MHz Analog Out, IOUT = 2 mA
25ºC
III
70.6
dBc
1 MHz Analog Out, IOUT = 20 mA
25ºCI
64.9
76.0
dBc
6 MHz Analog Out, IOUT = 20 mA
25ºC
III
76.0
dBc
AD9862 Narrowband SFDR (1 MHz Window)
1 MHz Analog Out, IOUT = 2 mA
25ºC
III
70.2
dBc
1 MHz Analog Out, IOUT = 20 mA
25ºCI
83
90
dBc
Rx PARAMETERS
RECEIVE BUFFER
Input Resistance (Differential)
Full
III
200
W
Input Capacitance (Each Input)
Full
III
5
pF
Maximum Input Bandwidth (–3 dB)
Full
III
140
MHz
Analog Input Range (Best Noise Performance)
Full
II
2
V p-p Diff
Analog Input Range (Best THD Performance)
Full
II
1
V p-p Diff
RECEIVE PGA CHARACTERISTICS
Gain Error
25ºCI
±0.3
dB
Gain Range
25ºCI
19
20
21
dB
Step Size Accuracy
25ºCI
±0.2
dB
Step Size
25ºCI
1
dB
Input Bandwidth (–3 dB, Rx Buffer Bypassed)
25ºC
III
250
MHz
10-/12-BIT ADC CHARACTERISTICS
Resolution
NA
NA
10/12
Bits
Maximum Conversion Rate
Full
I
64
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com