Electronic Components Datasheet Search
  English  ▼

X  

AD9860 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE) Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 1 Page - Analog Devices

  AD9860 Datasheet HTML 1Page - Analog Devices AD9860 Datasheet HTML 2Page - Analog Devices AD9860 Datasheet HTML 3Page - Analog Devices AD9860 Datasheet HTML 4Page - Analog Devices AD9860 Datasheet HTML 5Page - Analog Devices AD9860 Datasheet HTML 6Page - Analog Devices AD9860 Datasheet HTML 7Page - Analog Devices AD9860 Datasheet HTML 8Page - Analog Devices AD9860 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD9860/AD9862*
Mixed-Signal Front-End (MxFE™) Processor
for Broadband Communications
*Protected by U.S.Patent No.
MxFE is a trademark of Analog Devices, Inc.
GENERAL DESCRIPTION
The AD9860 and AD9862 (AD9860/AD9862) are versatile
integrated mixed-signal front-ends (MxFE) that are optimized
for broadband communication markets. The AD9860/AD9862
are cost effective, mixed signal solutions for wireless or wireline
standards based or proprietary broadband modem systems where
dynamic performance, power dissipation, cost, and size are all
critical attributes. The AD9860 has 10-bit ADCs and 12-bit DACs;
the AD9862 has 12-bit ADCs and 14-bit DACs.
The AD9860/AD9862 receive path (Rx) consists of two channels
that each include a high performance, 10-/12-bit, 64 MSPS analog-
to-digital converter (ADC), input buffer, Programmable Gain
Amplifier (RxPGA), digital Hilbert filter, and decimation filter. The
Rx can be used to receive real, diversity, or I/Q data at baseband or
low IF. The input buffers provide a constant input impedance for
both channels to ease impedance matching with external com-
ponents (e.g., SAW filter). The RxPGA provides a 20 dB gain
range for both channels. The output data bus can be multi-
plexed to accommodate a variety of interface types.
The AD9860/AD9862 transmit path (Tx) consists of two chan-
nels that contain high performance, 12-/14-bit, 128 MSPS
digital-to-analog converters (DAC), programmable gain amplifiers
(TxPGA), interpolation filters, a Hilbert filter, and digital mixers
for complex or real signal frequency modulation. The Tx latch
and demultiplexer circuitry can process real or I/Q data. Interpo-
lation rates of 2
and 4
are available to ease requirements on
an external reconstruction filter. For single channel systems, the
digital Hilbert filter can be used with an external quadrature
modulator to create an image rejection architecture. The two
12-/14-bit, high performance DACs produce an output signal
that can be scaled over a 20 dB range by the TxPGA.
A programmable delay-locked loop (DLL) clock multiplier and
integrated timing circuits enable the use of a single external
reference clock or an external crystal to generate clocking for all
internal blocks and also provides two external clock outputs.
Additional features include a programmable sigma-delta output,
four auxiliary ADC inputs and three auxiliary DAC outputs.
Device programmability is facilitated by a serial port interface
(SPI) combined with a register bank. The AD9860/AD9862 is
available in a space saving 128-lead LQFP.
FUNCTIONAL BLOCK DIAGRAM
Tx DATA
[0:13]
PGA
PGA
DAC
DAC
HILBERT
FILTER
LOGIC LOW
ADC
ADC
PGA
PGA
1x
1x
IOUT+A
IOUT–A
IOUT+B
IOUT–B
AUX_ADC_B2
AUX_ADC_B1
AUX_ADC_A2
AUX_ADC_A1
AUX_DAC_C
AUX_DAC_B
AUX_DAC_A
SIGDELT
VIN+A
VIN–A
VIN+B
VIN–B
-
AUX DAC
AUX DAC
AUX DAC
AUX ADC
AUX ADC
RxA DATA
[0:11]
RxB DATA
[0:11]
SPI
INTERFACE
OSC1
OSC2
CLKOUT1
CLKOUT2
SPI REGISTERS
CLOCK
DISTRIBUTION
BLOCK
DLL
1 , 2 , 4
Rx PATH
TIMING
Tx PATH
TIMING
AD9860/AD9862
HILBERT
FILTER
BYPASSABLE
DIGITAL
QUADRATURE
MIXER
BYPASSABLE
DIGITAL
QUADRATURE
MIXER
BYPASSABLE
LOW-PASS
INTERPOLATION
FILTER
NCO
FS/4
FS/8
BYPASSABLE LOW-PASS
DECIMATION FILTER
FEATURES
Mixed-Signal Front-End Processor with Dual Converter
Receive and Dual Converter Transmit Signal Paths
Receive Signal Path Includes:
Two 10-/12-Bit, 64 MSPS Sampling A/D Converters
with Internal or External Independent References,
Input Buffers, Programmable Gain Amplifiers,
Low-Pass Decimation Filters, and a Digital Hilbert Filter
Transmit Signal Path Includes:
Two 12-/14-Bit, 128 MSPS D/A Converters with
Programmable Full-Scale Output Current, Channel
Independent Fine Gain and Offset Control, Digital
Hilbert and Interpolation Filters, and Digitally Tunable
Real or Complex Up-Converters
Delay-Locked Loop Clock Multiplier and Integrated
Timing Generation Circuitry Allow for Single Crystal
or Clock Operation
Programmable Output Clocks, Serial Programmable
Interface, Programmable Sigma-Delta, Three Auxiliary
DAC Outputs and Two Auxiliary ADCs with Dual
Multiplexed Inputs
APPLICATIONS
Broadband Wireless Systems
Fixed Wireless, WLAN, MMDS, LMDS
Broadband Wireline Systems
Cable Modems, VDSL, PowerPlug
Digital Communications
Set-Top Boxes, Data Modems
5,969,657.


Similar Part No. - AD9860

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9860 AD-AD9860 Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9860BST AD-AD9860BST Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9860BST AD-AD9860BST Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9860PCB AD-AD9860PCB Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
More results

Similar Description - AD9860

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9860 AD-AD9860 Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9861 AD-AD9861 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
11/03-Revision 0
AD9863 AD-AD9863 Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9860 AD-AD9860_15 Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9862 AD-AD9862_15 Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9993 AD-AD9993 Datasheet
2Mb / 56P
Integrated Mixed-Signal Front End (MxFE)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com